Electronic Components Datasheet Search
  English  ▼

X  

PI2161-EVAL1 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2161-EVAL1
Description  PI2161-EVAL1 60V/12A High Side High Voltage Load Disconnect Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2161-EVAL1 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2161-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Picor Corporation • picorpower.com
PI2161-EVAL1 User Guide Rev. 1.0
Page 4 of 8
Test Procedure:
Initial Test Set Up
PI2161-EVAL1 is configured for 48V ±10% input bus. The
current limit is set by the sense resistor R1. The sense
resistor is selected (120mΩ) for minimum worst case trip
current of 11.5A at 125°C.
Baseline Test Procedure – PI2161 (Refer to Figure 4)
1.
Recommended Material
1.1. Material Needed-Picor supplied
1.1.1. PI2161-EVAL1
1.1.2.
PI2161 Product Datasheet
1.2. Recommended Users Supplied Equipment
1.2.1. One DC power supply: 0-60V; 15A.
1.2.2. One low power logic voltage power supply
1.2.3. Load: electronic Load, Power resistors or
actual load.
1.2.4. Multimeter.
1.2.5. Oscilloscope.
1.2.6. Appropriately sized interconnect cables.
1.2.7. Safety glasses.
Before initial power-up follow these steps to configure
the evaluation board for specific end application
requirement:
2.
Sense resistor (Rs) selection
2.1. In a typical load switch application the sense
resistor (Rs), R1 in the PI2161-EVAL1, is selected
based on a minimum trip current to allow
maximum
normal
load
current
without
interruption. The sense resistor value can be
determined from Overcurrent trip vs. sense
resistor chart in Figure 3:
Please refer to PI2161 Datasheet for more details on
how to calculate the sense resistor value verses trip
current.
Note: Make sure that output capacitor inrush current is
less than two times the minimum set trip current.
Output capacitor inrush current is function of the
output capacitor value and output voltage rise time.
Figure 3: PI2161 Overcurrent trip vs. sense resistor chart
40
50
60
70
80
90 100 110 120 130 140 150 160 170 180 190 200
8
10
12
14
16
18
20
22
24
26
28
30
32
Sense Resistor [mΩ]
Minimum Current trip [VOC-THL= 63mV; θJ-A= 125°C]
[VOC-THL= 63mV; θJ-A= 25°C]
Typical Current trip [VOC-THL= 70mV; θJ-A= 25°C]
Maximum Current trip [VOC-THL= 77mV; θJ-A= 25°C]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com