Electronic Components Datasheet Search
  English  ▼

X  

STBR3012 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBR3012
Description  High voltage rectifier for bridge applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBR3012 Datasheet(HTML) 1 Page - STMicroelectronics

  STBR3012 Datasheet HTML 1Page - STMicroelectronics STBR3012 Datasheet HTML 2Page - STMicroelectronics STBR3012 Datasheet HTML 3Page - STMicroelectronics STBR3012 Datasheet HTML 4Page - STMicroelectronics STBR3012 Datasheet HTML 5Page - STMicroelectronics STBR3012 Datasheet HTML 6Page - STMicroelectronics STBR3012 Datasheet HTML 7Page - STMicroelectronics STBR3012 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2016
DocID029963 Rev 1
1/8
This is information on a product in full production.
www.st.com
STBR3012
High voltage rectifier for bridge applications
Datasheet - production data
Features
Ultra-low conduction losses
Ultra-low reverse losses
High junction temperature capability
ECOPACK®2 compliant component
Description
The high quality design of this diode results in a
device with consistently reproducible
characteristics and intrinsic ruggedness. These
characteristics make it ideal for heavy duty
applications that demand long term reliability.
Thanks to its ultra-low conduction losses, this
diode is especially suitable for use as input
bridge diode.
Table 1: Device summary
Symbol
Value
IF(AV)
30 A
VRRM
1200 V
VF (typ.)
0.95 V
Tj(max.)
175 °C
K
A
DO-247
A
K


Similar Part No. - STBR3012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR3012 STMICROELECTRONICS-STBR3012 Datasheet
382Kb / 12P
High voltage rectifier for bridge applications
19-Nov-2018
STBR3012-Y STMICROELECTRONICS-STBR3012-Y Datasheet
319Kb / 8P
Automotive high voltage rectifier for bridge applications
07-Nov-2016
STBR3012-Y STMICROELECTRONICS-STBR3012-Y Datasheet
385Kb / 12P
Automotive high voltage rectifier for bridge applications
19-Nov-2018
STBR3012-Y STMICROELECTRONICS-STBR3012-Y_V01 Datasheet
385Kb / 12P
Automotive high voltage rectifier for bridge applications
19-Nov-2018
STBR3012G2-TR STMICROELECTRONICS-STBR3012G2-TR Datasheet
382Kb / 12P
High voltage rectifier for bridge applications
19-Nov-2018
More results

Similar Description - STBR3012

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE504 NTE-NTE504 Datasheet
17Kb / 2P
High Voltage Selenium Rectifier for TV Applications
NTE518 NTE-NTE518 Datasheet
16Kb / 1P
Silicon High Voltage Rectifier for TV Applications
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
Anshan Suly Electronics
3QL5-500KV0.1A ANSHAN-3QL5-500KV0.1A Datasheet
184Kb / 2P
High voltage bridge rectifier
QLG5-500KV1.5A ANSHAN-QLG5-500KV1.5A Datasheet
186Kb / 2P
High voltage bridge rectifier
logo
STMicroelectronics
STBR3012-Y STMICROELECTRONICS-STBR3012-Y Datasheet
319Kb / 8P
Automotive high voltage rectifier for bridge applications
07-Nov-2016
STBR6012 STMICROELECTRONICS-STBR6012 Datasheet
303Kb / 8P
High voltage rectifier for bridge applications
02-Nov-2016
STBR6012-Y STMICROELECTRONICS-STBR6012-Y Datasheet
307Kb / 8P
Automotive high voltage rectifier for bridge applications
07-Nov-2016
logo
GETAI ELECTRONICS DEVIC...
HVQL20MB050D GETEDZ-HVQL20MB050D_17 Datasheet
523Kb / 2P
High Voltage Bridge Rectifier
HVQL GETEDZ-HVQL Datasheet
294Kb / 2P
HIGH VOLTAGE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com