Electronic Components Datasheet Search
  English  ▼

X  

STBR6012 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STBR6012
Description  High voltage rectifier for bridge applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBR6012 Datasheet(HTML) 3 Page - STMicroelectronics

  STBR6012 Datasheet HTML 1Page - STMicroelectronics STBR6012 Datasheet HTML 2Page - STMicroelectronics STBR6012 Datasheet HTML 3Page - STMicroelectronics STBR6012 Datasheet HTML 4Page - STMicroelectronics STBR6012 Datasheet HTML 5Page - STMicroelectronics STBR6012 Datasheet HTML 6Page - STMicroelectronics STBR6012 Datasheet HTML 7Page - STMicroelectronics STBR6012 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STBR6012
Characteristics
DocID029967 Rev 1
3/8
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Forward voltage drop versus forward
current (typical values)
Figure 3: Forward voltage drop versus forward
current (maximum values)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 5: Junction capacitance versus reverse voltage applied (typical values)
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
IF(AV)(A)
P(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
= tp/T
tp
δ
IFM(A)
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
0.0
0.5
1.0
1.5
T
j = 150 °C
T
j = 25 °C
VFM(V)
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
0.0
0.5
1.0
1.5
2.0
T
j = 150 °C
T
j = 25 °C
VFM(V
IFM(A)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tP(s)
Single pulse
Zth(j-c) /Rth(j-c)
10
100
1000
1
10
100
1000
10000
VR(V)
C(pF)
F = 1 MHz
V
osc = 30 mVRMS
T
j = 25 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com