Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-LNBH02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-LNBH02
Description  Power supply evaluation board for LNB based on the LNBH25S
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LNBH02 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-LNBH02 Datasheet HTML 1Page - STMicroelectronics STEVAL-LNBH02 Datasheet HTML 2Page - STMicroelectronics STEVAL-LNBH02 Datasheet HTML 3Page - STMicroelectronics STEVAL-LNBH02 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2016
DocID029704 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-LNBH02
Power supply evaluation board for LNB based on the LNBH25S
Data brief
Features
Complete interface between LNB and I²C
bus
Built-in DC-DC converter for single 12 V
supply operation and high efficiency (typ.
93% at 0.5 A)
Selectable output current limit by external
resistor
Compliant with main satellite receivers
output voltage specification (15
programmable levels)
Accurate built-in 22 kHz tone generator suits
widely accepted standards
22 kHz tone waveform integrity guaranteed
also at no load condition
Low drop post regulator and high efficiency
step-up PWM with integrated power N-MOS
for low power losses
LPM function (low power mode) to reduce
dissipation
Overload and overtemperature internal
protection with I²C diagnostic bits
LNB short-circuit dynamic protection
+/- 4 kV ESD tolerant on output power pins
RoHS compliant
Description
This evaluation board implements a DC-DC
converter based on the LNBH25S device. It is
used to power LNBs inside dish antennas to
receive satellite TV signals.
The LNBH25S is an integrated solution for
supplying / interfacing satellite LNB modules in
accordance with international standards. It is a
simple and complete solution for dual tuner
satellite receivers and provides high performance
at low cost with a low external component count.
The LNBH25S evaluation board includes an I²C
bus interface and an internal 22 kHz tone
generator which is factory trimmed and can be
controlled by the DSQIN pin (TTL compatible),
allowing immediate DiSEqC™ data encoding.
Thanks to a fully integrated step-up DC-DC
converter, it functions with a single input voltage
supply source ranging from 8 V to 16 V.


Similar Part No. - STEVAL-LNBH02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
19-Sep-2016
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
29-Sep-2016
More results

Similar Description - STEVAL-LNBH02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
Dual LNB power supply based on the LNBH24L
25-Nov-2011
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
19-Feb-2009
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
19-Sep-2016
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
29-Sep-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com