Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-LNBH05 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-LNBH05
Description  Power supply evaluation board for LNB based on the LNBH26S
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LNBH05 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-LNBH05 Datasheet HTML 1Page - STMicroelectronics STEVAL-LNBH05 Datasheet HTML 2Page - STMicroelectronics STEVAL-LNBH05 Datasheet HTML 3Page - STMicroelectronics STEVAL-LNBH05 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-LNBH05
2/4
DocID029721 Rev 1
1
Schematic diagram
Figure 1: STEVAL-LNBH05 circuit schematic
C3-A
Vin
12 V
LNBOUT-A
LX-A
VUP-A
C4
LNBH26S
D1- A
C2- A
C1
Vcc
Byp
C7
FLT
ADDR
{
I2C Bus
SDA
SCL
ISEL
R1 (RSEL)
LX-B
D1- B
C2- B
C3-B
LNBOUT-B
C5-B
DiSEqC
Envelope
TTL
or
DiSEqC
22 KHz
TTL
VUP-B
VOUT -B
VOUT-A
C5-A
D2- A
D2-B
DSQIN- A
DSQIN- B
Tone enable control
3
21
17
16
8
7
9
5
11
6
22
24
12
20
2
P- GND
A -GND
4
15
D3-A
D3-B
L1- A
L1- B
TVS-A
TVS-B
GSPG0809161555SG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com