Electronic Components Datasheet Search
  English  ▼

X  

KG450O/S Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # KG450O/S
Description  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

KG450O/S Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  KG450O/S Datasheet HTML 1Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 2Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 3Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 4Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 5Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 6Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 7Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 8Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.larsen-antennas.com
NOTE: Antennas are not to scale
66
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
NMO-mounted radome enclosed transit
style antenna. 20” diameter ground plane
required. Also available in white. (minimum
order quantities apply).
MODEL
FREQUENCY (MHz)
LPT450NMO
450 - 470
SPECIFICATIONS
GAIN
2.14 dBi
TYPE
Low profile
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
3%
BANDWIDTH @ 2.0
5%
POWER RATING
100 Watts
COLOR
Black or White
COAX
Order separately
MAX HEIGHT
4 1/2”
MODEL
FREQUENCY (MHz)
MSTFME
144 - 965
SPECIFICATIONS
GAIN
2.14 dBi
TYPE
1/4 wave
VSWR (see bandwidth)
1.5:1
BANDWIDTH @ 1.5
5%
BANDWIDTH @ 2.0
10%
POWER RATING
50 Watts
COLOR
Black
CONNECTOR
FME CRIMP
WHIP
.070
COAX
12’ RG174
MAX HEIGHT
21”
Complete 1/4 wave mini magnetic antenna,
field tunable, 144 - 965 MHz.
Available in white with minimum order
quantities. Please contact the factory for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com