Electronic Components Datasheet Search
  English  ▼

X  

GPSDM700 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # GPSDM700
Description  GPSDM700/2500FFS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSDM700 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  GPSDM700 Datasheet HTML 1Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 2Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 3Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L108.F (05/13)
1
pulseelectronics.com/products/antennas
San Diego, CA 858 674 8100
Vancouver, WA 360 944 7551
Europe 49 7032 7806 0
Asia 86 755 33966678
North Asia 886 3 4356768
China 86 512 6807 9998
LTE Multiband / Active GPS
Roof Mount Antenna
Pulse Part Number GPSDM700/2500 Family
/
P/N
Frequency
Cable
Type
Cable Length
(feet / meters)
Connectors
GPSDM700/2500FFS
698-960/1710-2170/2300-2700
2400-2485
1575.42
RG-58
RG-58
RG-174
17 / 5.18
17 / 5.18
17 / 5.18
FME Female
FME Female
SMA Male
Pulse is proud to introduce a new state-of-the-art
direct mount multi band antenna. This body mount
antenna operates from 698 thru 2700 MHz, including
LTE. The antenna is ideal for voice, mobile data, Public
Safety, WLAN and asset tracking applications. The
rugged, yet aesthetically pleasing design provides UV
and IP-65 protection to ensure a long, reliable, mainte-
nance-free life.
The antenna mount can accommodate up to a
5/8” (16 mm) thick surface. Antennas equipped with
GPS have 3 cables to optimally support the different
technologies. Wireless voice, data and LTE frequen-
cies are supported by a single low-loss RG-58 cable.
WLAN operates on a separate RG-58 cable. The 26 dB
gain GPS antenna has its own RG-174 cable. Addition-
al cable configurations, lengths and connector options
are available upon request.
Features
• Single antenna supports multiple applications/
technologies- Eliminates “antenna farm” vehicle
appearance
• Separate cables create maximum application flex-
ibility
• Easily mounted through a single 3/4” hole
• RoHS Compliant Product
Applications
• Mobile and Fixed Broadband
• Navigation/Asset Tracking/Fleet Management
• LTE and 700 MHz Public Safety


Similar Part No. - GPSDM700

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com