Electronic Components Datasheet Search
  English  ▼

X  

LM440C Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # LM440C
Description  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LM440C Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  LM440C Datasheet HTML 1Page - Pulse A Technitrol Company LM440C Datasheet HTML 2Page - Pulse A Technitrol Company LM440C Datasheet HTML 3Page - Pulse A Technitrol Company LM440C Datasheet HTML 4Page - Pulse A Technitrol Company LM440C Datasheet HTML 5Page - Pulse A Technitrol Company LM440C Datasheet HTML 6Page - Pulse A Technitrol Company LM440C Datasheet HTML 7Page - Pulse A Technitrol Company LM440C Datasheet HTML 8Page - Pulse A Technitrol Company LM440C Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.larsen-antennas.com
NOTE: Antennas are not to scale
64
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
Black UHF base for LM mounts.
MODEL
FREQUENCY (MHz)
LMUHFBASEB
406 - 512
SPECIFICATIONS
TYPE
Base only
POWER RATING
200 Watts
COLOR
Black
WHIP
Various UHF collinear whips
COAX
Order separately
MAX HEIGHT
2”
MODEL
FREQUENCY (MHz)
REP WHIP
LM406C
406 - 420
W152
LM420C
420 - 440
W153
LM440C
440 - 460
W154
LM450C
450 - 470
W155
LM470C
470 - 490
W156
LM490C
490 - 512
W157
SPECIFICATIONS
GAIN
5.6 dBi
TYPE
5/8 over 1/2 wave
VSWR (see bandwidth)
1.5:1 or less
BANDWIDTH @ 1.5
5%
BANDWIDTH @ 2.0
10%
POWER RATING
200 Watts
COLOR
Black/Stainless
WHIP
.100, enclosed coil
COAX
Order separately
MAX HEIGHT
33”
Field tunable LM UHF gain antenna,
406 - 512 MHz. Black base, Stainless whip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com