Electronic Components Datasheet Search
  English  ▼

X  

MCP300X Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP300X
Description  MCP300X 10-Bit Analog-to-Digital Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP300X Datasheet(HTML) 1 Page - Microchip Technology

  MCP300X Datasheet HTML 1Page - Microchip Technology MCP300X Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Microchip MCP300X family of 10-bit analog-to-digital
converters (ADCs) combines high performance and low
power consumption in a small package – making it ideal
for embedded control applications.
Consisting of the MCP3001, MCP3002, MCP3004 and
MCP3008, the MCP300X family features a successive
approximation register (SAR) architecture and an industry-
standard SPITM serial interface. Devices are available with
1, 2, 4 or 8 input channels and in PDIP, SOIC and TSSOP
packages.
The MCP300X family offers existing Microchip customers
added flexibility when incorporating analog inputs into
their designs. The industry standard SPI interface allows
10-bit ADC capability to be added to any PICmicro®
microcontroller. In addition, new customers will find the
performance and price of the MCP300X family very
attractive.
Applications for the MCP300X family include data
acquisition, instrumentation and measurement, multi-
channel data loggers, industrial PCs, motor control,
robotics, industrial automation, smart sensors, portable
instrumentation and home medical appliances.
Features:
• 200k samples/second
• 1, 2, 4 or 8 channels
• Low Power: 5 nA typical standby, 425 µA typical
active
• ±1 LSB INL, ±1 LSB DNL
• No missing codes
• Industrial temperature range: -40°C to +85°C
• Single supply operation: 2.7V to 5.5V
• SPI serial interface
• PDIP and SOIC packages
Related Application Notes:
• AN679 Temperature Sensing Technologies
• AN684 Single Supply Temperature Sensing with
Thermocouples
• AN685 Thermistors in Single Supply Temperature
Sensing Circuits
• AN687 Precision Temperature Sensing with RTD
Circuits
• AN699 Anti-Aliasing Analog Filters for Data
Acquisition Systems
MCP300X 10-Bit Analog-to-Digital Converters
Product Information
Microchip Technology Inc. • The Embedded Control Solutions Comp any ®


Similar Part No. - MCP300X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3001-I/MS MICROCHIP-MCP3001-I/MS Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001-I/P MICROCHIP-MCP3001-I/P Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001-I/SN MICROCHIP-MCP3001-I/SN Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001-I/ST MICROCHIP-MCP3001-I/ST Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
More results

Similar Description - MCP300X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com