Electronic Components Datasheet Search
  English  ▼

X  

ADC0808CCV Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC0808CCV
Description  8-Bit Compatible A/D Converters with 8-Channel Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0808CCV Datasheet(HTML) 2 Page - Texas Instruments

  ADC0808CCV Datasheet HTML 1Page - Texas Instruments ADC0808CCV Datasheet HTML 2Page - Texas Instruments ADC0808CCV Datasheet HTML 3Page - Texas Instruments ADC0808CCV Datasheet HTML 4Page - Texas Instruments ADC0808CCV Datasheet HTML 5Page - Texas Instruments ADC0808CCV Datasheet HTML 6Page - Texas Instruments ADC0808CCV Datasheet HTML 7Page - Texas Instruments ADC0808CCV Datasheet HTML 8Page - Texas Instruments ADC0808CCV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADC0808-N, ADC0809-N
SNAS535H – OCTOBER 1999 – REVISED MARCH 2013
www.ti.com
Figure 1. PDIP Package
Figure 2. PLCC
Package
See Package N0028E
See Package FN0028A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
(4)
6.5V
Voltage at Any Pin Except Control Inputs
−0.3V to (VCC+0.3V)
Voltage at Control Inputs
−0.3V to +15V
(START, OE, CLOCK, ALE, ADD A, ADD B, ADD C)
Storage Temperature Range
−65°C to +150°C
Package Dissipation at TA=25°C
875 mW
Lead Temp. (Soldering, 10 seconds)
PDIP Package (plastic)
260°C
PLCC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD Susceptibility(5)
400V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
A Zener diode exists, internally, from VCC to GND and has a typical breakdown voltage of 7 VDC.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Conditions
(1) (2)
Temperature Range
TMIN≤TA≤TMAX
−40°C≤TA≤+85°C
Range of VCC
4.5 VDC to 6.0 VDC
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
Electrical Characteristics – Converter Specifications
Converter Specifications: VCC=5 VDC=VREF+, VREF(−)=GND, TMIN≤TA≤TMAX and fCLK=640 kHz unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADC0808
25°C
±½
LSB
Total Unadjusted Error(1)
TMIN to TMAX
±¾
LSB
(1)
Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors. See Figure 5. None of these A/Ds requires a zero or
full-scale adjust. However, if an all zero code is desired for an analog input other than 0.0V, or if a narrow full-scale span exists (for
example: 0.5V to 4.5V full-scale) the reference voltages can be adjusted to achieve this. See Figure 15.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0808-N ADC0809-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com