Electronic Components Datasheet Search
  English  ▼

X  

INS8292N Datasheet(PDF) 13 Page - Texas Instruments

Part # INS8292N
Description  8-Bit Compatible A/D Converters with16-Channel Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INS8292N Datasheet(HTML) 13 Page - Texas Instruments

Back Button INS8292N Datasheet HTML 9Page - Texas Instruments INS8292N Datasheet HTML 10Page - Texas Instruments INS8292N Datasheet HTML 11Page - Texas Instruments INS8292N Datasheet HTML 12Page - Texas Instruments INS8292N Datasheet HTML 13Page - Texas Instruments INS8292N Datasheet HTML 14Page - Texas Instruments INS8292N Datasheet HTML 15Page - Texas Instruments INS8292N Datasheet HTML 16Page - Texas Instruments INS8292N Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ADC0816, ADC0817
www.ti.com
SNAS527C – JUNE 1999 – REVISED MARCH 2013
Analog Comparator Inputs
The dynamic comparator input current is caused by the periodic switching of on-chip stray capacitances These
are connected alternately to the output of the resistor ladder/switch tree network and to the comparator input as
part of the operation of the chopper stabilized comparator.
The average value of the comparator input current varies directly with clock frequency and with VIN as shown in
Figure 6.
If no filter capacitors are used at the analog or comparator inputs and the signal source impedances are low, the
comparator input current should not introduce converter errors, as the transient created by the capacitance
discharge will die out before the comparator output is strobed.
If input filter capacitors are desired for noise reduction and signal conditioning they will tend to average out the
dynamic comparator input current. It will then take on the characteristics of a DC bias current whose effect can
be predicted conventionally. See AN-258 for further discussion.
Typical Application
*Address latches needed for 8085 and SC/MP interfacing theADC0816, 17 to a microprocessor
Microprocessor Interface Table
PROCESSOR
READ
WRITE
INTERRUPT(COMMENT)
8080
MEMR
MEMW
INTR (Thru RST Circuit)
8085
RD
WR
INTR (Thru RST Circuit)
Z-80
RD
WR
INT (Thru RST Circuit, Mode 0)
SC/MP
NRDS
NWDS
SA (Thru Sense A)
6800
VMA•
φ2•R/W
VMA•Q2•R/W
IRQA or IRQB (Thru PIA)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC0816 ADC0817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com