Electronic Components Datasheet Search
  English  ▼

X  

MIC2295BML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2295BML
Description  High Power Density 1.2A Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295BML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2295BML Datasheet HTML 4Page - Micrel Semiconductor MIC2295BML Datasheet HTML 5Page - Micrel Semiconductor MIC2295BML Datasheet HTML 6Page - Micrel Semiconductor MIC2295BML Datasheet HTML 7Page - Micrel Semiconductor MIC2295BML Datasheet HTML 8Page - Micrel Semiconductor MIC2295BML Datasheet HTML 9Page - Micrel Semiconductor MIC2295BML Datasheet HTML 10Page - Micrel Semiconductor MIC2295BML Datasheet HTML 11Page - Micrel Semiconductor MIC2295BML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel
MIC2295
July 2004
M9999-052402
(408) 955-1690
8
Functional Description
The MIC2295 is a high power density, PWM dc/dc
boost regulator. The block diagram is shown in
Figure 1. The MIC2295 is composed of an oscillator,
slope compensation ramp generator, current
amplifier, gm error amplifier, PWM generator, and a
1.2A bipolar output transistor. The oscillator
generates a 1.2MHz clock. The clock’s two functions
are to trigger the PWM generator that turns on the
output
transistor,
and
to
reset
the
slope
compensation ramp generator. The current amplifier
is used to measure the switch current by amplifying
the voltage signal from the internal sense resistor.
The output of the current amplifier is summed with
the output of the slope compensation ramp
generator. This summed current-loop signal is fed to
one of the inputs of the PWM generator.
The gm error amplifier measures the feedback
voltage through the external feedback resistors and
amplifies the error between the detected signal and
the 1.24V reference voltage. The output of the gm
error amplifier provides the voltage-loop signal that
is fed to the other input of the PWM generator.
When the current-loop signal exceeds the voltage-
loop signal, the PWM generator turns off the bipolar
output transistor. The next clock period initiates the
next switching cycle, maintaining constant frequency
current-mode PWM control
GND
CA
PWM
Generator
Ramp
Generator
1.2MHz
Oscillator
SW
EN
FB
OVP*
VIN
1.24V
*OVP available on MLFTM package option only.
gm
OVP*
Σ
VREF
MIC2295
MIC2295 Block Diargam



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com