Electronic Components Datasheet Search
  English  ▼

X  

MIC2295YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2295YML
Description  High Power Density 1.2A Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2295YML Datasheet HTML 1Page - Micrel Semiconductor MIC2295YML Datasheet HTML 2Page - Micrel Semiconductor MIC2295YML Datasheet HTML 3Page - Micrel Semiconductor MIC2295YML Datasheet HTML 4Page - Micrel Semiconductor MIC2295YML Datasheet HTML 5Page - Micrel Semiconductor MIC2295YML Datasheet HTML 6Page - Micrel Semiconductor MIC2295YML Datasheet HTML 7Page - Micrel Semiconductor MIC2295YML Datasheet HTML 8Page - Micrel Semiconductor MIC2295YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel
MIC2295
July 2004
M9999-052402
(408) 955-1690
4
Typical Characteristics
MIC2295 -5V Output
30
35
40
45
50
55
60
65
70
75
80
0
100
200
300
Output Current
Vin=4V
Vin=5V
Vin=5.5V
VIN
EN
SW
FB
GND
MIC2295BML
1
2
3
4
5
VOUT = -5V @ 0.15A
4.7uF/
6.3V
CMHSH5-2L
10K
2.49K
1 F/
6.3V
VIN = 5V
R1
R2
L1
L2
C1
C2
C3
1uF/16V
L1 = Murata LQH32CN4R7M23
L2 = Murata LQH32CN4R7M23
+
-
1uF/
6.3V
C4
R3
10K
MIC6211
OVP
15V Short circuit
protected Boost
60
65
70
75
80
85
0
2040
6080
100
OUTPUT CURRENT (mA)
Vin=2.5
V
Vin=3V
VIN
EN
SW
FB
GND
MIC2295
1-Cell
Li Ion
1
2
3
4
5
VOUT = 15V / 50mA
4.7µH
4.7µF/
25V
Sumida
CDRH4D18
160K
10K
10µF/
6.3V
CIN = JMK212BJ106MG (Taiyo Yuden)
0.1uF/
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com