Electronic Components Datasheet Search
  English  ▼

X  

NSAM266SA Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SA
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SA Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button NSAM266SA Datasheet HTML 12Page - National Semiconductor (TI) NSAM266SA Datasheet HTML 13Page - National Semiconductor (TI) NSAM266SA Datasheet HTML 14Page - National Semiconductor (TI) NSAM266SA Datasheet HTML 15Page - National Semiconductor (TI) NSAM266SA Datasheet HTML 16Page - National Semiconductor (TI) NSAM266SA Datasheet HTML 17Page - National Semiconductor (TI) NSAM266SA Datasheet HTML 18Page - National Semiconductor (TI) NSAM266SA Datasheet HTML 19Page - National Semiconductor (TI) NSAM266SA Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
10 Hardware (Continued)
INPUT SIGNALS
Symbol
Figure
Description
Reference Conditions
Min (ns)
tCDIh
1-15
CDIN Hold
After RE CTTL
00
tCDIs
1-15
CDIN Setup
Before RE CTTL
110
tDIh
1-17
Data in Hold (D07)
After RE CTTL T1 T3 or TI
00
tDIs
1-17
Data in Setup (D07)
Before RE CTTL T1 T3 or TI
150
tMMDINh
1-20
Master MICROWIRE Data In Hold
After RE CTTL
00
tMMDINs
1-20
Master MICROWIRE Data In Setup
Before RE CTTL
110
tMWCKh
1-18
MICROWIRE Clock High (Slave)
At 20V (Both Edges)
1000
tMWCKI
1-18
MICROWIRE Clock Low (Slave)
At 08V (Both Edges)
1000
tMWCKp
1-18
MICROWIRE Clock Period (Slave) (Note A)
RE MWCLK to next RE MWCLK
25 ms
tMWCLKh
1-18
MWCLK Hold
After MWCS becomes Inactive
500
tMWCLKs
1-18
MWCLK Setup
Before MWCS becomes Active
1000
tMWCSh
1-18
MWCS Hold
After FE MWCLK
500
tMWCSs
1-18
MWCS Setup
Before RE MWCLK
1000
tMWDIh
1-18
MWDIN Hold
After RE MWCLK
500
tMWDIs
1-18
MWDIN Setup
Before RE MWCLK
1000
tPWR
1-24
Power Stable to RESET RE (Note B)
After VCC reaches 45V
300 ms
tRSTw
1-23
RESET Pulse Width
At 08V (Both Edges)
100 ms
tXh
1-22
CLKIN High
At 20V (Both Edges)
tX1p 2 b 5
tXI
1-22
CLKIN Low
At 08V (Both Edges)
tX1p 2 b 5
tXp
1-22
CLKIN Clock Period
RE CLKIN to next RE CLKIN
244
Note A
Guaranteed by design but not fully tested in power-down mode
Note B
Guaranteed by design but not fully tested
http
www nationalcom
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com