Electronic Components Datasheet Search
  English  ▼

X  

MM1313 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1313
Description  I2C BUS Control 5-Input 2-Output AV Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1313 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1313 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1313 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1313 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1313 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1313 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1313 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1313 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1313 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1313 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MITSUMI
I2C BUS Control 5-Input 2-Output AV Switch MM1313
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC
12
V
Allowable power dissipation
Pd
850
mW
Electrical Characteristics (Ta=25°C, VCC=9V)
Item
Symbol
Measure Conditions (unless otherwise indicated,
Min. Typ. Max. Units
ment pin
Measurement Circuit Figure 1)
Operating power supply voltage
VCC
8
9
10
V
Current consumption
ICC
38
VCC=9V, no signal, no load
40
52
mA
VOUT1 output
Voltage gain
GV1
TP1
Sine wave 1.0VP-P, 100kHz
5.5
6.0
6.5
dB
Frequency characteristics
FV1
TP1
Sine wave 1.0VP-P, 10MHz/100kHz
-1.0
0
1.0
dB
Vn-V : Staircase 1VP-P
APL=10~90%
Differential gain
DGV1
TP1
Vn-Y : Staircase (luminance signal) 1VP-P
-30
3
%
Vn-C : Chroma signal 0.3VP-P
APL=10~90%
Vn-V : Staircase 1VP-P
APL=10~90%
Differential phase
DPV1
TP1
Vn-Y : Staircase (luminance signal) 1VP-P
-3
0
3
deg
Vn-C : Chroma signal 0.3VP-P
APL=10~90%
Sine wave 100kHz
Input dynamic range
DV1
SG1~3
Maximum input for total higher
1.6
1.9
VP-P
harmonic distortion factor < 1.0%
VOUT2 output
Voltage gain
GV2
TP6
Sine wave 1.0VP-P, 100kHz
5.5
6.0
6.5
dB
Frequency characteristics
FV2
TP6
Sine wave 1.0VP-P
-1.0
0
1.0
dB
10MHz/100kHz
Vn-V : Staircase 1VP-P
APL=10~90%
Differential gain
DGV2
TP6
Vn-Y : Staircase (luminance signal) 1VP-P
-30
3
%
Vn-C : Chroma signal 0.3VP-P
APL=10~90%
Vn-V : Staircase 1VP-P
APL=10~90%
Differential phase
DPV2
TP6
Vn-Y : Staircase (luminance signal) 1VP-P
-3
0
3
deg
Vn-C : Chroma signal 0.3VP-P
APL=10~90%
Sine wave 100kHz
Input dynamic range
DV2
SG1~3
Maximum input for total higher
1.6
1.9
VP-P
harmonic distortion factor < 1.0%
YOUT1 output
Voltage gain
GY1
TP2
Vn-Y : Sine wave 1.0VP-P, 100kHz
5.5
6.0
6.5
dB
GY2
TP2
YIN1 : Sine wave 2.0VP-P, 100kHz
-0.5
0
0.5
FY1
TP2
Vn-Y : Sine wave 1.0VP-P
-1.0
0
1.0
Frequency characteristics
10MHz/100kHz
dB
FY2
TP2
YIN1 : Staircase 2.0VP-P
-1.0
0
1.0
10MHz/100kHz
Vn-Y : Staircase 1VP-P
Differential gain
DGY
TP2
APL=10~90%
-30
3
%
YIN1: Staircase 2VP-P
APL=10~90%
Vn-Y : Staircase 1VP-P
Differential phase
DPY
TP2
APL=10~90%
-3
0
3
deg
YIN1 : Staircase 2VP-P
APL=10~90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com