Electronic Components Datasheet Search
  English  ▼

X  

MM58348 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58348
Description  MM58348 High Voltage Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58348 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM58348 Datasheet HTML 1Page - National Semiconductor (TI) MM58348 Datasheet HTML 2Page - National Semiconductor (TI) MM58348 Datasheet HTML 3Page - National Semiconductor (TI) MM58348 Datasheet HTML 4Page - National Semiconductor (TI) MM58348 Datasheet HTML 5Page - National Semiconductor (TI) MM58348 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Functional Description (Continued)
Figure 4 demonstrates the critical timing requirements be-
tween CLOCK and DATA IN for the MM58348
In
Figure 5 a start bit of logic ‘‘1’’ precedes the 35 bits of
data each bit being accepted on the rising edge of CLOCK
ie a ‘‘0’’ – ‘‘1’’ transition At the 36th clock a LOAD signal
is generated synchronously with the high state of the clock
thus loading the 35 bits of the shift register into the latches
At the low state of the clock a RESET signal is generated
clearing all bits of the shift register for the next set of data
Hence a complete set of 36 clock pulses is needed to clear
(reset) the display driver at ‘‘power on’’ or any time the
following flushing routine may be used Clock in 36 ‘‘ze-
roes’’ followed by a ‘‘one’’ (start bit) followed by 35 ‘‘ze-
roes’’ This procedure will completely blank the display It is
recommended to clear the driver at power on
Figure 6 shows a schematic diagram of a microprocessor-
based system where the MM58348 is used to provide the
anode drive for a 32-digit5x7dot matrix vacuum fluores-
cent (VF) display The grid drive in this example is provided
by another member of the high voltage display driver family
namely the MM58341 which has the additional features of
a BLANKING CONTROL pin a DATA OUT pin and an EN-
ABLE (external load signal) pin
Timing Diagrams
TLF5601 – 5
For the purpose of AC measurement VIH e 24V VIL e 08V
FIGURE 4 Clock and Data Timings
TLF5601 – 6
FIGURE 5 MM58348 Timings (Data Format)
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com