Electronic Components Datasheet Search
  English  ▼

X  

MC3463 Datasheet(PDF) 7 Page - STMicroelectronics

Part # MC3463
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3463 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MC3463 Datasheet HTML 3Page - STMicroelectronics MC3463 Datasheet HTML 4Page - STMicroelectronics MC3463 Datasheet HTML 5Page - STMicroelectronics MC3463 Datasheet HTML 6Page - STMicroelectronics MC3463 Datasheet HTML 7Page - STMicroelectronics MC3463 Datasheet HTML 8Page - STMicroelectronics MC3463 Datasheet HTML 9Page - STMicroelectronics MC3463 Datasheet HTML 10Page - STMicroelectronics MC3463 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Step-Down Converter
Printed Demoboard
Test Condition (VOUT = 5V)
Test
Conditions
Value (Typ.)
Unit
Line Regulation
VIN = 15 to 25V,
IO = 500 mA
5
mV
Load Regulation
VIN = 25V,
IO = 50 to 500 mA
30
mV
Output Ripple
VIN = 25V,
IO = 500 mA
100
mV
Efficency
VIN = 25V,
IO = 500 mA
80
%
ISC
VIN = 25V,
RLOAD = 0.1
Ω
1.2
A
Symbol
Pin
Vout
1
GND
2
GND
3
Vin
4
MC34063A/E
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com