Electronic Components Datasheet Search
  English  ▼

X  

GPSMB60 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # GPSMB60
Description  GNSS VEHICLE MOUNT ANTENNA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMB60 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  GPSMB60 Datasheet HTML 1Page - Pulse A Technitrol Company GPSMB60 Datasheet HTML 2Page - Pulse A Technitrol Company GPSMB60 Datasheet HTML 3Page - Pulse A Technitrol Company GPSMB60 Datasheet HTML 4Page - Pulse A Technitrol Company GPSMB60 Datasheet HTML 5Page - Pulse A Technitrol Company GPSMB60 Datasheet HTML 6Page - Pulse A Technitrol Company GPSMB60 Datasheet HTML 7Page - Pulse A Technitrol Company GPSMB60 Datasheet HTML 8Page - Pulse A Technitrol Company GPSMB60 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Issue: 1706P DRAFT TDS JeanieFei
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 2xMiMo LTE, 3xMiMo WiFi,
GNSS Vehicle Mount Antenna
PART NUMBER: GPSMB601, GPSMB602
Series: Panther
2
Frequency (2XLTE)
698 - 960 / 1695 – 2170 /
2300 - 2700 / 2900 – 3600
MHz
Frequency (3XWiFi&DSRC)
2400 – 2500/
4900 – 5925
MHz
Frequency (1XGNSS)
1561.098±2.046/
1575.42±1.023/
1602.5625±4
MHz
Nominal Impedance
50 
VSWR** (LTE)
< 1.5
VSWR** (WiFi&DSRC)
< 1.4
Gain* (LTE antenna, < 2170 MHz)
4 dBi  2.5 dB
Gain* (LTE antenna, > 2170 MHz)
5 dBi  2 dB
Gain* (WiFi antenna, < 2500 MHz)
4.5 dBi  1.5 dB
Gain* (WiFi antenna, > 4900 MHz)
5 dBi  2 dB
Isolation LTE to LTE **
15 or better dB
Isolation WiFi to WiFi **
25 or better dB
GNSS antenna RHCP gain
1 dBic  2 dB
LNA gain
30 dB  2 dB
Noise Figure
2.5 (cascade) dB
Current
9 mA  2 mA
Vdc
3-5 Vdc
LNA and filter attenuation
@ 824 MHz
70 dB
@ 960 MHz
65 dB
@ 1710 MHz
60 dB
@ 2170 MHz
65 dB
*Measured on 2ft GND plane and with 4 inch cables
**In free space with 17ft cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com