Electronic Components Datasheet Search
  English  ▼

X  

GPSMBMM Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # GPSMBMM
Description  Magnetic Mount Accessory for the GPSMB Panther Series Antennas
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMBMM Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  GPSMBMM Datasheet HTML 1Page - Pulse A Technitrol Company GPSMBMM Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
 
 
Confidential and Proprietary – Pulse Electronics – All Rights reserved – 2015 
This document contains confidential and proprietary information of Pulse Electronics, Inc.  (Pulse) and is protected by copyright, trade secret and other 
state and federal laws.  Its receipt or possession does not convey any rights to reproduce, disclose its content, or to manufacture, use or sell anything it may 
describe.  Reproduction, disclosure or use without specific written authorization of Pulse is strictly forbidden.  Information subject to change without notice. 
For More Information
Pulse Worldwide Headquarters
Larsen Brand Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
12220 World Trade Drive 
3611 NE 112th Ave 
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg, 4th Phase
Performance warranty of products offered in this data 
San Diego, CA 92128 
Vancouver, WA 98682 
Zeppelinstrasse 15
Suzhou New District
sheet is limited to the parameters specified.  Other brand and 
USA 
USA 
Herrenberg, Germany
Science & Tech Industrial Park
 product names mentioned herein may be trademarks 
  
 
Jiangsu Province, Suzhou 215009 PR China 
or registered trademarks of their respective owners.  
Tel:1‐ 858‐674‐8100 
Tel: 1‐360‐944‐7551 
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
©Copyright, 2015.  Pulse Electronics, Inc.  All rights 
Fax: 1‐858‐674‐8262 
Fax: 1‐360‐944‐7556 
Fax: 49 7032 7806 135
Fax: 86 512 6809 8023
Reserved. 
 
 
Magnetic Mount Accessory for the
GPSMB Panther Series Antennas
Part# GPSMBMM
pulseelectronics.com/products/antennas
L186.A  (11/15)
1 
 
 The GPSMBMM is the ideal magnetic mount accessory to be 
used in conjunction with the GPSMB Panther Series Antennas.  
This robust “mag mount” attachment is easily added to any of 
the GPSMB series antennas for a solid and durable connection. 
To be used on a vehicle or other metal devices without 
damaging the surface. 
Features 
• Robust Removable Magnetic Mount Accessory  
 
• Works with Pulse GPSMB Panther Series Antennas      
• Detachable with a strong magnetic connection 
• Robust housing ‐ Outdoor UV stabilized 
    
 
Applications 
• Perfect for use on vehicular applications where a 
permanent mount is not desirable 
• Can be used on various metal surfaces 
• Detachable, non‐permanent mount 
• Magnetic Mount Accessory to work with Pulse GPSMB 
series antennas  
   
 
 


Similar Part No. - GPSMBMM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMB301 PULSE-GPSMB301 Datasheet
2Mb / 19P
MiMoLTE, GNSS Vehicle Mount Antenna
GPSMB401 PULSE-GPSMB401 Datasheet
2Mb / 29P
MiMoLTE, WiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
More results

Similar Description - GPSMBMM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ5301M868MXBSR VISHAY-VJ5301M868MXBSR Datasheet
186Kb / 5P
Surface Mount Ceramic Chip Antennas for 868 MHz
27-Mar-12
VJ5301M915MXBSR VISHAY-VJ5301M915MXBSR Datasheet
185Kb / 5P
Surface Mount Ceramic Chip Antennas for 915 MHz
28-Mar-12
VJ5105W240GXCMT VISHAY-VJ5105W240GXCMT_15 Datasheet
325Kb / 6P
Surface Mount Ceramic Chip Antennas for 2.4 GHz
26-Apr-13
logo
Taoglas antenna solutio...
MMBAEXTMA TAOGLAS-MMBAEXTMA Datasheet
3Mb / 30P
Torus Magnetic Mount Base For Taoglas External Antennas
logo
Linx Technologies
ANT-418-PW-LP LINX-ANT-418-PW-LP Datasheet
411Kb / 2P
The LP Series antennas utilize a helical element
12/4/13
ANT-418-YG5-N LINX-ANT-418-YG5-N Datasheet
185Kb / 1P
The YG Series of Yagi antennas are designed
12-21-09
ANT-868-PW-LP LINX-ANT-868-PW-LP Datasheet
417Kb / 2P
The LP Series antennas utilize a helical element
12/4/13
logo
Vishay Siliconix
VJ5103W240GXCMT VISHAY-VJ5103W240GXCMT Datasheet
375Kb / 6P
Surface Mount Ceramic Chip Antennas for 2.4 GHz
26-Apr-13
VJ5601M868MXBSR VISHAY-VJ5601M868MXBSR_V01 Datasheet
165Kb / 5P
Surface Mount Ceramic Chip Antennas for 868 MHz
20-Aug-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com