Electronic Components Datasheet Search
  English  ▼

X  

CLP100-0010 Datasheet(PDF) 2 Page - SICK AG

Part # CLP100-0010
Description  BAR CODE SCANNERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLP100-0010 Datasheet(HTML) 2 Page - SICK AG

  CLP100-0010 Datasheet HTML 1Page - SICK AG CLP100-0010 Datasheet HTML 2Page - SICK AG CLP100-0010 Datasheet HTML 3Page - SICK AG CLP100-0010 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLP100-0010 | CLP100
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLP100-0010
1018331
Other models and accessories
www.sick.com/CLP100
Detailed technical data
Features
Connection type
Standard
Reading field
Front
Scanner design
CCD scanner
Focus
Fixed focus
Light source
Visible red light (630 nm)
Scanning frequency
≤ 500 Hz
Code resolution
0.15 mm ... 1 mm
Reading distance
25 mm ... 55 mm 1)
1) For details see reading field diagram.
Performance
Bar code types
Code 39, Code 128, Codabar, UPC / GTIN / EAN, Interleaved 2 of 5
Interfaces
Serial
✔, RS-232
Function Host
Data transmission rate 1,200 Baud ... 19,200 Baud
Optical indicators
1 LED (red/green)
Mechanics/electronics
Electrical connection
1 x 9-pin D Sub female connector
Operating voltage
≤ 5 V DC
Power consumption
2 W
Housing
Metal
Housing color
Light blue (RAL 5012)
Enclosure rating
IP40
Weight
200 g, with connecting cable
Dimensions (L x W x H)
48 mm x 56 mm x 22 mm
Ambient data
Electromagnetic compatibility (EMC)
IEC 801
Ambient operating temperature
0 °C ... +40 °C
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com