Electronic Components Datasheet Search
  English  ▼

X  

NMOTLP Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # NMOTLP
Description  CABLE ASSEMBLIES/MOUNTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

NMOTLP Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  NMOTLP Datasheet HTML 1Page - Pulse A Technitrol Company NMOTLP Datasheet HTML 2Page - Pulse A Technitrol Company NMOTLP Datasheet HTML 3Page - Pulse A Technitrol Company NMOTLP Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1 800 ANTENNA (268-3662)
39
CABLE ASSEMBLIES/MOUNTS
NMO square MagNetic MOuNts
NMO square magnetic mounts have the following specifications:
Size:
3.5” x 3”
Cable Length:
12’
Pull Strength:
50 lbs
Model
coax
connector
NMOMMNOCONN
CX (RG-58A/U)
No Conn
NMOMMMPL
CX (RG-58A/U)
MPL
NMOMM
CX (RG-58A/U)
58FCP
NMOMMBNC
CX (RG-58A/U)
BNC
NMOMMPL
CX (RG-58A/U)
PL-259
NMOMMFME
CX (RG-58A/U)
FME
NMOMMDSFME
DS (RG-58A/U Dual Shield)
FME
NMO truNk Lid MOuNts
NMO trunk lid mounts have the following specifications:
Size:
2.5” x 2”
Cable Length:
17’
Model
coax
connector
NMOTLP
CX (RG-58A/U)
PL-259
NMOTLPFME
CX (RG-58A/U)
FME
All Larsen NMOHF (high frequency 27 MHz to 6 GHz) mounts convert from
low frequency applications to high frequency applications and back by pull-
ing or replacing the center pin and insulator.
gPs Lte direct MOuNts
NMOHFGPS mounts have the following specifications:
Frequency:
1575.4 - 1576.4 MHz
Gain:
5 dBic
Polarization: Right-Hand Circular / Vertical
LNA Gain: 26 dB ± 2 dB
Cable:
16.4’ RG-174 (GPS)
VSWR:
Less than 2:1
16.4’ RG-58 (NMOHF)
Size:
.5 x 2 x 4.5
Voltage:
3 or 5 V DC
Color:
Black
Mounting:
5/8 “ Hole
Model
connectors
NMOHFGPSFMENOCONN
FME/No Connector
NMOHFGPSFMESMA
FME/SMA
NMOHFGPSNOCONN
No Connectors
NMOHFGPSSMASMA
SMA/SMA
NOTE: Specifications listed refer to GPS performance. Additional antenna
specifications are dependent on the antenna mounted on the NMO side.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com