Electronic Components Datasheet Search
  English  ▼

X  

SiP32468 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SiP32468
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32468 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SiP32468 Datasheet HTML 5Page - Vishay Siliconix SiP32468 Datasheet HTML 6Page - Vishay Siliconix SiP32468 Datasheet HTML 7Page - Vishay Siliconix SiP32468 Datasheet HTML 8Page - Vishay Siliconix SiP32468 Datasheet HTML 9Page - Vishay Siliconix SiP32468 Datasheet HTML 10Page - Vishay Siliconix SiP32468 Datasheet HTML 11Page - Vishay Siliconix SiP32468 Datasheet HTML 12Page - Vishay Siliconix SiP32468 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SiP32467, SiP32468
www.vishay.com
Vishay Siliconix
S14-0843-Rev. B, 28-Apr-14
9
Document Number: 67757
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL WAVEFORMS
Fig. 28 - Turn-off Time
Fig. 29 - Turn-off Time
Fig. 30 - Turn-off Time
Fig. 31 - Turn-off Time
Fig. 32 - Turn-off Time
Fig. 33 - Turn-off Time
SiP32467
VEN (1V/div)
VOUT (1V/div)
IOUT (10mA/div)
VIN = 1.8V
RL = 500Ω
CL = 0.1μF
Time (40μs/div)
SiP32467
VEN (2V/div)
VOUT (2V/div)
IOUT (10mA/div)
VIN = 3.3V
RL = 500Ω
CL = 0.1μF
Time (200μs/div)
SiP32467
VEN (2V/div)
VOUT (2V/div)
IOUT (10mA/div)
VIN = 5.0V
RL = 500Ω
CL = 0.1μF
Time (40μs/div)
SiP32467
VEN (2V/div)
VOUT (2V/div)
IOUT (10mA/div)
VIN = 5.5V
RL = 500Ω
CL = 0.1μF
Time (100μs/div)
SiP32468
VEN (1V/div)
VOUT (1V/div)
IOUT (10mA/div)
VIN = 1.2V
RL = 500Ω
CL = 0.1μF
Time (200μs/div)
VEN (1V/div)
SiP32468
VOUT (1V/div)
IOUT (10mA/div)
VIN = 1.8V
RL = 500Ω
CL = 0.1μF
Time (200μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com