Electronic Components Datasheet Search
  English  ▼

X  

TCLT1002 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCLT1002
Description  Optocoupler with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1002 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCLT1002 Datasheet HTML 1Page - Vishay Siliconix TCLT1002 Datasheet HTML 2Page - Vishay Siliconix TCLT1002 Datasheet HTML 3Page - Vishay Siliconix TCLT1002 Datasheet HTML 4Page - Vishay Siliconix TCLT1002 Datasheet HTML 5Page - Vishay Siliconix TCLT1002 Datasheet HTML 6Page - Vishay Siliconix TCLT1002 Datasheet HTML 7Page - Vishay Siliconix TCLT1002 Datasheet HTML 8Page - Vishay Siliconix TCLT1002 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
www.vishay.com
2 (12)
Document Number 83515
Rev. A3, 19–Mar–01
Order Instruction
Ordering Code
CTR Ranking
Remarks
TCLT1000
50 to 600%
4 Pin = Single channel
TCLT1001
40 to 80%
4 Pin = Single channel
TCLT1002
63 to 125%
4 Pin = Single channel
TCLT1003
100 to 200%
4 Pin = Single channel
TCLT1005
50 to 150%
4 Pin = Single channel
TCLT1006
100 to 300%
4 Pin = Single channel
TCLT1007
80 to 160%
4 Pin = Single channel
TCLT1008
130 to 260%
4 Pin = Single channel
TCLT1009
200 to 400%
4 Pin = Single channel
Features
Approvals:
BSI: BS EN 41003, BS EN 60095 (BS 415),
BS EN 60950 (BS 7002),
Certificate number 7081 and 7402
Underwriters Laboratory (UL) 1577 recognized,
file number E-76222 – Double Protection
CSA (C-UL) 1577 recognized
file number E- 76222 - Double Protection
VDE 0884, Certificate number 132473
VDE 0884 related features:
Rated impulse voltage (transient overvoltage)
VIOTM = 8 kV peak
Isolation test voltage
(partial discharge test voltage) Vpd = 1.6 kV
Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS (848 V peak)
Rated recurring peak voltage (repetitive)
VIORM = 600 VRMS
Creepage current resistance according
to VDE 0303/IEC 112
Comparative Tracking Index: CTI
≥ 175
Thickness through
insulation ≥ 0.75 mm
Creepage distance > 8 mm
Tested acc. 60950: Am4: 1997 clause 2.9.6.
General features:
Low profile package
CTR offered in 9 groups
Isolation materials according to UL94-VO
Pollution degree 2
(DIN/VDE 0110 / resp. IEC 664)
Climatic classification 55/100/21 (IEC 68 part 1)
Special construction:
Therefore, extra low coupling capacity of
typical 0.2 pF, high Common Mode Rejection
Low temperature coefficient of CTR
Coupling System W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com