Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PCC009V4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-PCC009V4
Description  Opto-isolated universal USB to serial bridge demonstration board for motor control applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC009V4 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-PCC009V4 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC009V4 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC009V4 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC009V4 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC009V4 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC009V4 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC009V4 Datasheet HTML 7Page - STMicroelectronics STEVAL-PCC009V4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STEVAL-PCC009V4
Schematics
Doc ID 022310 Rev 2
5/8
Figure 5.
Opto-isolator section
3V3
3V3
GND
GND
VDD_T
GND_T
VDD_T
GND_T
PB9_TIM4_CH4
PB8_TIM4_CH3
PB8_TIM4_CH3_DB
3V3
GND
VDD_T
GND_T
PA2_USART2_TX
PA2_USART2_TX_DB
PA3_USART2_RX
VDD_T
GND_T
3V3
GND
PA3_USART2_RX_DB
3V3
GND
VDD_T
GND_T
PA7_SPI1_MOSI
PA7_SPI1_MOSI_DB
PA1_USART2_RTS
VDD_T
GND_T
3V3
GND
PA1_USART2_RTS_DB
3V3
GND
VDD_T
GND_T
PA0_USART2_CTS
PA0_USART2_CTS_DB
3V3
GND
VDD_T
GND_T
PA4_USART2_CLK
PA4_USART2_CLK_DB
3V3
GND
VDD_T
GND_T
PA5_SPI1_SCK
PA5_SPI1_SCK_DB
VDD_T
PA6_SPI1_MISO
GND_T
PA6_SPI1_MISO_DB
GND
3V3
VDD_T
PC0_GPIO_IN10
GND_T
PC0_GPIO_IN10_DB
GND
3V3
3V3
GND
VDD_T
GND_T
GND
3V3
VDD_T
GND_T
GND
GND_T
3V3
VDD_T
PB5_I2C1_SMBAI
VDD_T
GND_T
3V3
GND
PB5_I2C1_SMBAI_DB
PB7_I2C1_SDA
PB6_I2C1_SCL
PB7_I2C1_SDA_DB
PB6_I2C1_SCL_DB
PB9_TIM4_CH4_DB
R35
47E
R35
47E
C22
100nF
C22
100nF
C19
100nF
C19
100nF
C13
DNM
C13
DNM
R13
10k
R13
10k
R34
47E
R34
47E
R25
47E
R25
47E
U12
ACPL-072L
U12
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
C35
100nF
C35
100nF
R32
47E
R32
47E
C11
DNM
C11
DNM
C24
100nF
C24
100nF
C33
100nF
C33
100nF
R26
47E
R26
47E
U6
ACPL-072L
U6
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
C20
100nF
C20
100nF
C31
100nF
C31
100nF
C10
DNM
C10
DNM
U13
ACPL-072L
U13
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
C30
100nF
C30
100nF
U16
ADUM1250SRZ
U16
ADUM1250SRZ
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
C17
100nF
C17
100nF
R30
47E
R30
47E
C37
100nF
C37
100nF
C14
100nF
C14
100nF
C23
100nF
C23
100nF
C27
100nF
C27
100nF
U10
ACPL-072L
U10
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
U9
ACPL-072L
U9
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
U15
ACPL-072L
U15
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
R31
47E
R31
47E
C18
100nF
C18
100nF
U5
ACPL-072L
U5
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
R28
47E
R28
47E
U8
ACPL-072L
U8
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
C45
100nF
C45
100nF
C26
100nF
C26
100nF
U11
ACPL-072L
U11
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
R29
47E
R29
47E
R11
10k
R11
10k
U14
ACPL-072L
U14
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
C21
100nF
C21
100nF
C36
100nF
C36
100nF
C32
100nF
C32
100nF
R33
47E
R33
47E
U4
ACPL-072L
U4
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
R27
47E
R27
47E
C34
100nF
C34
100nF
R12
10k
R12
10k
R24
47E
R24
47E
C46
100nF
C46
100nF
C29
100nF
C29
100nF
C16
100nF
C16
100nF
C38
100nF
C38
100nF
C28
100nF
C28
100nF
C15
100nF
C15
100nF
U7
ACPL-072L
U7
ACPL-072L
VDD1
1
NC
3
GND2
5
NC
7
Vi
2
GND1
4
Vo
6
VDD2
8
C12
DNM
C12
DNM
R14
10k
R14
10k
AM10185v1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com