Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PCC018V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-PCC018V1
Description  UART to USB bridge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC018V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-PCC018V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Block diagram, schematic and main components
STEVAL-PCC018V1
2/5
DocID025851 Rev 1
1
Block diagram, schematic and main components
Figure 1. STEVAL-PCC018V1 circuit schematic
+3.3V_CP2102
+5V_USB (VCC)
+3.3V
RXDCP2102
TXDCP2102
GND
+3.3V_HC
RTSCP2102
CTSCP2102
+3.3V
USB (GND)
USB (D-)
USB (Vcc)
USB (D+)
(TANT.)
N.M.
N.M.
6
N
O
C6
N
O
C
(MALE) STRIP 2.54 mm.
(DPAK)
3
R3
R
m
h
O
0
7
4m
h
O
0
7
4
3
C
I3
C
I
USBUF01W6
USBUF01W6
D1
1
2
D2
GND
3
D3
4
3.3V
5
6
D4
2
R2
R
m
h
O
0m
h
O
0
2
C2
C
u
0
1u
0
1
V
3
.
6 V
3
.
6
4
C4
C
n
0
0
1n
0
0
1
1
P
J 1
P
J
5
C 5
C
n
0
0
1n
0
0
1
2
C
I2
C
I
2
0
1
2
P
C2
0
1
2
P
C
4
5
6
7
D-
D+
Vdd
REGIN
DCD
1
RI
2
GND
3
NC
15
NC
16
NC
17
NC
18
NC
19
NC
20
NC
21
USB MALE CONNECTOR
USB MALE CONNECTOR
1
J1
J
4
3
2
1
1
P
T 1
P
T
3
C3
C
u
2
2 u
2
2
V
3
.
6V
3
.
6
1
R1
R
m
h
O
0
m
h
O
0
1
C1
C
n
0
0
1
n
0
0
1
2
J2
J
1
2
3
4
5
6
1
C
I 1
C
I
LD29080DT33R
LD29080DT33R
GND
2
OUT
3
1
VIN
1
D
E
L1
D
E
L
N
E
E
R
GN
E
E
R
G
6
R 6
R
.
M
.
N
.
M
.
N
5
R 5
R
K
7
.
4 K
7
.
4
7
C 7
C
F
u
1F
u
1
4
R4
R
K
7
.
4K
7
.
4
6
C 6
C
u
0
1u
0
1
V
3
.
6V
3
.
6
GSPG17122013DI1120



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com