Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PCC019V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-PCC019V1
Description  USB to I2C trimming interface board with embedded load for automatic power supply trimming based on the SEA01
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC019V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-PCC019V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Description
STEVAL-PCC019V1
2/11
DocID027093 Rev 1
1
Description
The STEVAL-PCC019V1 is an evaluation tool used to interface a Windows®-based PC with
digitally trimmable products like the SEA01 constant voltage and current controller with
online digital trimming from STMicroelectronics. It functions basically as a bidirectional
bridge between USB and I2C buses. The board also embeds an active CC/CV load to trim
SEA01-based power supplies without the need for external instruments (such as supply,
voltmeter, active load).
The STEVAL-PCC019V1 is self-supplied via the 5 V from the USB connector.
Three isolated DC-DC modules are used to provide the correct supplies to the remaining
parts of the board, maintaining the isolation between the PC and target sides.
The board is also capable of providing the target device (SEA01) with a VCC voltage high
enough to program NVM (in cases where the supply is < 17 V).
Communication between the STEVAL-PCC019V1 and the PC is managed by a standard
serial peripheral, converting the USB connection into a virtual COM port.
The RX and TX signals are then isolated using opto-couplers and connected to the STM32
microcontroller, ensuring that the USB port and the remaining parts of the board are isolated
from the mains.
The microcontroller is the heart of the system, and it is in charge of performing conversion
between the UART and I2C protocols. The STM32 manages the UART to I2C conversion
allowing bidirectional communication between the PC and the target device.
The I2C speed is set to 100 KHz (the maximum speed allowed by the SEA01).
In order to fulfill all possible SEA01 application needs, the board embeds three I2C ports,
one of which is also isolated from the 2 others (depending on whether the SEA01 is put on
primary or secondary). This allows trimming of the SEA01 in various configurations (primary,
secondary side), or even multiple SEA01 chips.
A companion evaluation board (STEVAL-ISA161V1) which includes the SEA01 as
secondary side CV/CC controller can be interfaced with the STEVAL-PCC019V1 to test the
benefits of digital trimming in a real application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com