Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TLL008V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TLL008V2
Description  Camera flash with SuperCap™ daughterboard based on the STCF04
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TLL008V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TLL008V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-TLL008V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-TLL008V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-TLL008V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2012
Doc ID 023187 Rev 1
1/4
4
STEVAL-TLL008V2
Camera flash with SuperCap™ daughterboard
based on the STCF04
Data brief
Features
■ 1.8 MHz buck-boost converter with 1.2 A peak
■ Current limiting and synchronous rectification
■ Programmable current limit
■ Burst mode operation when output is charged
■ Selectable 200 mA / 400 mA SuperCap™
charging current
■ Input voltage range 2.7 V to 5.5 V
■ Programmable output charging voltage up to
5.5 V
■ Full I2C control
■ Controlled LED current in all modes
■ Shorted LED failure detection and protection
■ RoHS compliant
Description
The STEVAL-TLL008V2 demonstration board is a
daughterboard working in conjunction with the
STEVAL-TLL008V1 and was designed to
demonstrate the performance of the STCF04
device, which is a buck-boost converter with an
I2C interface dedicated to charging a
SuperCap™.
All LEDs with a forward voltage range from 2.5 V
to 5 V are compatible with the STCF04. The
forward voltage spread of any selected LED must,
however, be within this range (2.5 V to 5 V).
It is possible to set the level of the LED current in
Flash mode and torch mode by setting the
dimming registers.
The maximum level of the LED current in Flash
mode can be set by changing the external flash
resistor.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-TLL008V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
More results

Similar Description - STEVAL-TLL008V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ICB002V1 STMICROELECTRONICS-STEVAL-ICB002V1 Datasheet
105Kb / 4P
Capacitive touch daughterboard based on the STMPE821
25-Feb-2010
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-ICB010V1 STMICROELECTRONICS-STEVAL-ICB010V1 Datasheet
242Kb / 4P
AirNavigationPad based on the STM8T143, STM32F103
02-Feb-2012
STEVAL-IFR003V1 STMICROELECTRONICS-STEVAL-IFR003V1 Datasheet
272Kb / 7P
RTC calibration daughterboard based on the M41T83SMY6E to be used with STEVAL-IFS012V1
16-Dec-2010
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
logo
ams AG
AS3630 AMSCO-AS3630 Datasheet
763Kb / 72P
8A Supercap Flash Driver
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com