Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TSP006V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TSP006V2
Description  IEEE 802.3af compliant PD interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TSP006V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TSP006V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-TSP006V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-TSP006V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-TSP006V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-TSP006V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-TSP006V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-TSP006V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For further information contact your local STMicroelectronics sales office.
May 2014
DocID026440 Rev 1
1/7
STEVAL-TSP006V2
Power over Ethernet - PD converter with 3.3 V 3 A output,
standard IEEE 802.3af compliant
Data brief
Features
 IEEE 802.3af compliant PD interface
 Works with power supplied from Ethernet LAN
cables or from local auxiliary sources
 Line input voltage range: 40 Vdc to 60 Vdc,
output voltage: 3.3 Vdc ± 5%
 Output current: 3 A
 Peak-to-peak output ripple: 30 mV
 Efficiency DC-DC full-load: > 83%
 Efficiency overall peak: > 80%
 Transient response Voutpk-pk to 50% load
step: < 400 mVpp
V in load line case: < 0.5%
Description
This document focuses on a reference design for
a simple, low cost 3.3 V 3 A flyback converter
based on the PM8800A device.
The PM8800A is a highly integrated device
embedding an IEEE 802.3af compliant “Powered
Device” (PD) interface together with a PWM
controller.
It can be successfully used in all low power, low
cost PoE applications.
www.st.com


Similar Part No. - STEVAL-TSP006V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TSP001V1 STMICROELECTRONICS-STEVAL-TSP001V1 Datasheet
94Kb / 4P
Respects source limitations
27-Aug-2008
STEVAL-TSP004V2 STMICROELECTRONICS-STEVAL-TSP004V2 Datasheet
312Kb / 7P
RoHs compliant
24-Apr-2015
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
IEEE 802.3af compliant PD interface
30-May-2014
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
IEEE 802.3at compliant PD interface
24-Apr-2015
More results

Similar Description - STEVAL-TSP006V2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
STMicroelectronics
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
IEEE 802.3af compliant PD interface
30-May-2014
logo
Maxim Integrated Produc...
MAX5969AEVKIT MAXIM-MAX5969AEVKIT Datasheet
1Mb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 10/11
MAX5995BEVKIT MAXIM-MAX5995BEVKIT Datasheet
867Kb / 17P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
Rev 0; 11/18
MAX5992A MAXIM-MAX5992A Datasheet
956Kb / 18P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 1; 6/19
MAX5986AEVKIT MAXIM-MAX5986AEVKIT Datasheet
1Mb / 8P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/12
MAX5974EEVKIT MAXIM-MAX5974EEVKIT Datasheet
1Mb / 10P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 8/11
MAX5974CEVKIT MAXIM-MAX5974CEVKIT Datasheet
599Kb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 11/11
MAX5974AEVKIT MAXIM-MAX5974AEVKIT Datasheet
1Mb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
MAX5996AEVKIT MAXIM-MAX5996AEVKIT Datasheet
1Mb / 22P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com