Electronic Components Datasheet Search
  English  ▼

X  

STF20N90K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF20N90K5
Description  N-channel 900 V, 0.21 Ω typ., 20 A MDmesh™ K5 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20N90K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF20N90K5 Datasheet HTML 1Page - STMicroelectronics STF20N90K5 Datasheet HTML 2Page - STMicroelectronics STF20N90K5 Datasheet HTML 3Page - STMicroelectronics STF20N90K5 Datasheet HTML 4Page - STMicroelectronics STF20N90K5 Datasheet HTML 5Page - STMicroelectronics STF20N90K5 Datasheet HTML 6Page - STMicroelectronics STF20N90K5 Datasheet HTML 7Page - STMicroelectronics STF20N90K5 Datasheet HTML 8Page - STMicroelectronics STF20N90K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STF20N90K5
4/13
DocID029297 Rev 3
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 5: On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
900
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 900 V
1
µA
VGS = 0 V, VDS = 900 V
TC = 125 °C(1)
50
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold voltage
VDD = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 10 A
0.21
0.25
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
1500
-
pF
Coss
Output capacitance
-
120
-
pF
Crss
Reverse transfer capacitance
-
1
-
pF
Co(er)(1)
Equivalent capacitance energy
related
VGS = 0 V ,VDS = 0 to
720 V
-
78
-
pF
Co(tr)(2)
Equivalent capacitance time
related
-
220
-
pF
Rg
Intrinsic gate resistance
f = 1 MHz , ID= 0 A
-
3.7
-
Ω
Qg
Total gate charge
VDD = 720 V, ID = 20 A
VGS= 10 V
(see Figure 14: "Test
circuit for gate charge
behavior")
-
40
-
nC
Qgs
Gate-source charge
-
14
-
nC
Qgd
Gate-drain charge
-
17
-
nC
Notes:
(1)Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 to
80% VDSS.
(2)Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 to
80% VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com