Electronic Components Datasheet Search
  English  ▼

X  

STFI15N95K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFI15N95K5
Description  N-channel 950 V, 0.41 Ω typ., 12 A MDmesh™K5 Power MOSFET in a I²PAKFP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI15N95K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STFI15N95K5 Datasheet HTML 1Page - STMicroelectronics STFI15N95K5 Datasheet HTML 2Page - STMicroelectronics STFI15N95K5 Datasheet HTML 3Page - STMicroelectronics STFI15N95K5 Datasheet HTML 4Page - STMicroelectronics STFI15N95K5 Datasheet HTML 5Page - STMicroelectronics STFI15N95K5 Datasheet HTML 6Page - STMicroelectronics STFI15N95K5 Datasheet HTML 7Page - STMicroelectronics STFI15N95K5 Datasheet HTML 8Page - STMicroelectronics STFI15N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2016
DocID029528 Rev 1
1/13
This is information on a product in full production.
www.st.com
STFI15N95K5
N-
channel 950 V, 0.41 Ω typ., 12 A MDmesh™ K5
Power MOSFET in a I²PAKFP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
Ptot
STFI15N95K5
950 V
0.50 Ω
12 A
30 W
Fully insulated and low profile package with
increased creepage path from pin to
heatsink plate
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOS
FET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STFI15N95K5
15N95K5
I²PAKFP (TO-281)
Tube
1 2
3
I
2 PAKFP
(TO-281)
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STFI15N95K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI15N60M2-EP STMICROELECTRONICS-STFI15N60M2-EP Datasheet
502Kb / 15P
Extremely low gate charge
26-Jan-2015
STFI15N65M5 STMICROELECTRONICS-STFI15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STFI15N65M5 STMICROELECTRONICS-STFI15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
09-Nov-2012
STFI15NM65N STMICROELECTRONICS-STFI15NM65N Datasheet
923Kb / 15P
N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFETs in TO-220FP and I²PAKFP packages
25-Jul-2016
More results

Similar Description - STFI15N95K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7N95K5AG STMICROELECTRONICS-STD7N95K5AG Datasheet
346Kb / 15P
Automotive‑grade N‑channel 950 V, 0.95 Ω typ., 9 A MDmesh K5 Power MOSFET in a DPAK package
05-May-2021
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
18-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF14N80K5 STMICROELECTRONICS-STF14N80K5 Datasheet
766Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
02-Dec-2015
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
14-May-2018
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com