Electronic Components Datasheet Search
  English  ▼

X  

MTD492 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MTD492
Description  Coaxial Transceiver Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTD492 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MTD492 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MYSON
TECHNOLOGY
MTD492
MTD492 Revision 3.5 01/07/1997
7/8
Collision Frequency (CD+)
Fcp
8.5
10
12.5
MHz
Collision Pulse Width (CD+)
Tcp
405060
ns
Extended Collision Detection Time (Note 6)
Tcxd
100
200
300
ms
CD Heartbeat Delay (TX+ to CD+)
Thon
0.6
1.1
1.6
µs
CD Heartbeat Duration(CD+)
Thw
0.5
1.0
1.5
µs
Jabber Activation Delay(TX+ to CD+)
Tja
202632
ms
Jabber Reset Time-out (TX+ to TXO and CD+)
Tjr
300
420
550
ms
Notes: 4. For a minimum pulse amplitude of > -300 mV.
5. IDL detection precedes the transmission turn-off by transmission propagation delay.
6. Time needed to detect an extended period of collision in order to turn off the reception path.
7.0 TIMING DIAGRAM
INPUT
TO RXI
RX+
RX-
T
ron
50%
50%
T
rd 90%
10%
T
rf
T
rr
T
roff
Figure 1. Reception Timing
TX+
TX-
TXO
OUTPUT
T
tst
T
toff
T
tidl
V
ts
T
ton
T
td
T
tf
T
tr
50%
50%
90%
10%
Figure 2. Transmission Timing
T
hon
T
hw
TX+
TX-
CD+
CD-
Figure 3. Heartbeat Timing
V
cd (min)
T
con
V
cd (max)
-1.75V
0V
-6.8V
-1.2V
T
coff
1/F
cp
T
cp
INPUT
to RXI
CD+
CD-
Figure 4. Collision Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com