Electronic Components Datasheet Search
  English  ▼

X  

STM3240GPRIMER Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM3240GPRIMER
Description  Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3240GPRIMER Datasheet(HTML) 5 Page - STMicroelectronics

  STM3240GPRIMER Datasheet HTML 1Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 2Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 3Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 4Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 5Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 6Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DocID13942 Rev 10
5/7
STM8L-PRIMER STM32-PRIMER STMPRIMER
Ordering information
7
4
Ordering information
The Primers are available from the STMicroelectronics sales offices and distributors. For
more information and complete documentation please visit www.mcu-circle.com or the
STMicroelectronics microcontroller support site www.st.com.
Table 2. Order codes
Order code
Description
Base
Target MCU
Flash
Notes
Complete evaluation tool - includes base + target board
STM3242IPRIMER
EvoPrimer
STM32F429ZI
2 MB
STM3240GPRIMER
EvoPrimer
STM32F407IG
1 MB
STM3210GPRIMER
EvoPrimer STM32F103VG
1 MB
STM3210CPRIMER
EvoPrimer
STM32F107VC 256 KB
STM32L15PRIMER
EvoPrimer
STM32L152VB 128 KB
STM8L1526PRIMER
EvoPrimer
STM8L152C6
32 KB
STMPRIMER accessories
STM3242IPRIM-D
N/A
STM32F429ZI
1 MB
MCU target board(1)
STM3240GPRIM-D
N/A
STM32F407IG
1 MB
MCU target board(1)
STM3210GPRIM-D
N/A
STM32F103VG
1 MB
MCU target board(1)
STM3210CPRIM-D
N/A
STM32F107VC 256 KB MCU target board(1)
STM32L15PRIM-D
N/A
STM32L152VB 128 KB MCU target board(1)
STM8L1526PRIM-D
N/A
STM8L152C6
32 KB MCU target board(1)
STMPRIMER-
PROTO
N/A
Prototype
N/A
5 prototyping extension boards(1)
1. For use with the EvoPrimer base which can be either ordered separately (STMPRIMER-BASE) or be part
of an complete evaluation tool.
STMPRIMER-BASE
EvoPrimer
N/A
N/A
EvoPrimer base for use with
EvoPrimer MCU target boards and
extension boards.
STMPRIMER-EXT
N/A
N/A
N/A
Inertial sensor extension board(1)



Html Pages

1 2 3 4 5 6 7