Electronic Components Datasheet Search
  English  ▼

X  

NSAM266SVLJ Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SVLJ
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SVLJ Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button NSAM266SVLJ Datasheet HTML 40Page - National Semiconductor (TI) NSAM266SVLJ Datasheet HTML 41Page - National Semiconductor (TI) NSAM266SVLJ Datasheet HTML 42Page - National Semiconductor (TI) NSAM266SVLJ Datasheet HTML 43Page - National Semiconductor (TI) NSAM266SVLJ Datasheet HTML 44Page - National Semiconductor (TI) NSAM266SVLJ Datasheet HTML 45Page - National Semiconductor (TI) NSAM266SVLJ Datasheet HTML 46Page - National Semiconductor (TI) NSAM266SVLJ Datasheet HTML 47Page - National Semiconductor (TI) NSAM266SVLJ Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
20 Software (Continued)
TABLE 2-2 Tunable Parameters
(Continued)
Index
Parameter Name
Description
Default
16
TONE
GENERATION
LEVEL
Controls the energy level at which DTMF and other tones are
6
generated Each unit represents 3 dB The default level is the
reference level
For example if you set this parameter to 4 the energy level is 6 dB
less than the default level The actual output level is the sum of
TONE
GENERATION
LEVEL and the VOL
LEVEL variable
controlled by the VC command The tones are distorted when the level
is set too high The valid range is
0 s TONE
GENERATION
LEVEL a VOL
LEVEL s 12
17
Reserved
18
TONE
TIME
COUNT
Controls the duration of a tone before it is reported as a dial tone
700
in 10 ms units The accuracy of the constant is g10 ms
Legal values 0 to 65535
19
TONE
ON
ENERGY
THRESHOLD
Minimum energy level at which busy and dial tones are detected as
160
ON (after 700 Hz filtering) If you divide (multiply) the value by 2 you
geta3dB decrease (increase) in the threshold
Legal values 0 to 65535
20
TONE
OFF
ENERGY
THRESHOLD
Maximum energy level at which busy and dial tones are detected as
110
OFF (after 700 Hz filtering) If you divide (multiply) the value by 2 you
geta3dB decrease (increase) in the threshold
Legal values 0 to 65535
21
VCD
LEVEL
Controls the energy during playback and external voice synthesis
6
Each unit represents 3 dB The default level is the reference level For
example if you set this parameter to 4 the energy level is 6 dB less
than the default level The actual output level is the sum of VCD
LEVEL and the VOL
LEVEL variable controlled by the VC command
Speech is distorted when the level is set too high The valid range is
0 s VCD
LEVEL a VOL
LEVEL s 12
22
VOX
TOLERANCE
TIME
Controls the maximum energy period in 10 ms units that does NOT
3
reset the vox detector
Legal values 0 to 255
23
MIN
BUSY
DETECT
TIME
Minimum time period for busy detection in 10 ms units The accuracy
600
of the constant is g10 ms
Legal values 0 to 65535
24
ECHO
DELAY
The near-echo delay in samples The sampling rate is 8000 Hz (ie
4
125 ms per sample)
Legal values 0 to 16
25
Reserved
26
DTMF
REV
TWIST
Controls the reverse twist level at which CompactSPEECH detects
0
DTMF tones While the normal twist is set at 8 dB the reverse twist
can be either 8 dB (default) or 4 dB (If this parameter is set to 1)
http
www nationalcom
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com