Electronic Components Datasheet Search
  English  ▼

X  

TCLT110 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCLT110
Description  Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT110 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCLT110 Datasheet HTML 1Page - Vishay Siliconix TCLT110 Datasheet HTML 2Page - Vishay Siliconix TCLT110 Datasheet HTML 3Page - Vishay Siliconix TCLT110 Datasheet HTML 4Page - Vishay Siliconix TCLT110 Datasheet HTML 5Page - Vishay Siliconix TCLT110 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TCLT110. Series
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 16-May-13
3
Document Number: 83514
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• According to DIN EN 60747-5-2 (VDE 0884) (see figure 2). This optocoupler is suitable for safe electrical isolation only within the safety
ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-2 (VDE 0884); IEC 60747-5-5
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
TCLT1100
CTR
50
600
%
VCE = 5 V, IF = 10 mA
TCLT1102
CTR
63
125
%
TCLT1103
CTR
100
200
%
TCLT1104
CTR
160
320
%
VCE = 5 V, IF = 1 mA
TCLT1102
CTR
22
45
%
TCLT1103
CTR
34
70
%
TCLT1104
CTR
56
100
%
VCE = 5 V, IF = 5 mA
TCLT1105
CTR
50
150
%
TCLT1106
CTR
100
300
%
TCLT1107
CTR
80
160
%
TCLT1108
CTR
130
260
%
TCLT1109
CTR
200
400
%
SAFETY AND INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
2.0
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kV
Vpd
1.68
kV
Insulation resistance
VIO = 500 V
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Forward current
Isi
130
mA
Power dissipation
Pso
265
mW
Rated impulse voltage
VIOTM
8kV
Safety temperature
Tsi
150
°C
Clearance distance
8.0
mm
Creepage distance
8.0
mm
Insulation distance (internal)
0.40
mm
0
25
50
75
125
0
50
100
150
200
300
Tsi - Safety Temperature (°C)
150
94 9182-2
100
250
IR-diode
Isi (mA)
Phototransistor
P
so (mW)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com