Electronic Components Datasheet Search
  English  ▼

X  

AM335x Datasheet(PDF) 51 Page - Texas Instruments

Part # AM335x
Description  Sitara Processors
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM335x Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM335x Datasheet HTML 47Page - Texas Instruments AM335x Datasheet HTML 48Page - Texas Instruments AM335x Datasheet HTML 49Page - Texas Instruments AM335x Datasheet HTML 50Page - Texas Instruments AM335x Datasheet HTML 51Page - Texas Instruments AM335x Datasheet HTML 52Page - Texas Instruments AM335x Datasheet HTML 53Page - Texas Instruments AM335x Datasheet HTML 54Page - Texas Instruments AM335x Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 253 page
background image
51
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
4.3
Signal Descriptions
The AM335x device contains many peripheral interfaces. In order to reduce package size and lower
overall system cost while maintaining maximum functionality, many of the AM335x terminals can multiplex
up to eight signal functions. Although there are many combinations of pin multiplexing that are possible,
only a certain number of sets, called IO Sets, are valid due to timing limitations. These valid IO Sets were
carefully chosen to provide many possible application scenarios for the user.
Texas Instruments has developed a Windows-based application called Pin Mux Utility that helps a system
designer select the appropriate pin-multiplexing configuration for their AM335x-based product design. The
Pin Mux Utility provides a way to select valid IO Sets of specific peripheral interfaces to ensure the pin-
multiplexing configuration selected for a design only uses valid IO Sets supported by the AM335x device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com