Electronic Components Datasheet Search
  English  ▼

X  

620TG Datasheet(PDF) 2 Page - ON Semiconductor

Part # 620TG
Description  SWITCHMODE Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

620TG Datasheet(HTML) 2 Page - ON Semiconductor

  620TG Datasheet HTML 1Page - ON Semiconductor 620TG Datasheet HTML 2Page - ON Semiconductor 620TG Datasheet HTML 3Page - ON Semiconductor 620TG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MURD620CT
http://onsemi.com
2
THERMAL CHARACTERISTICS (Per Diode)
Rating
Symbol
Value
Unit
Thermal Resistance − Junction−to−Case
RqJC
9
°C/W
Thermal Resistance − Junction−to−Ambient (Note 1)
RqJA
80
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode)
Maximum Instantaneous Forward Voltage Drop (Note 2)
(iF = 3 Amps, TC = 25°C)
(iF = 3 Amps, TC = 125°C)
(iF = 6 Amps, TC = 25°C)
(iF = 6 Amps, TC = 125°C)
vF
1
0.96
1.2
1.13
V
Maximum Instantaneous Reverse Current (Note 2)
(TJ = 25°C, Rated dc Voltage)
(TJ = 125°C, Rated dc Voltage)
iR
5
250
mA
Maximum Reverse Recovery Time
(IF = 1 Amp, di/dt = 50 Amps/ms, VR = 30 V, TJ = 25°C)
(IF = 0.5 Amp, iR = 1 Amp, IREC = 0.25 A, VR = 30 V, TJ = 25°C)
trr
35
25
ns
1. Rating applies when surface mounted on the minimum pad sizes recommended.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Voltage (Per Leg)
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0
0.6
0.2
0.8
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
1.4
VR, REVERSE VOLTAGE (VOLTS)
060
40
100
120
100
0.01
0.001
1.0
10
TJ = 175°C
20
80
200
Figure 2. Typical Leakage Current* (Per Leg)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
3.0
2.0
0
2.0
1.0
3.0
5.0
4.0
14
7.0
6.0
1.0
10
Figure 3. Average Power Dissipation (Per Leg)
0.4
0.7
10
70
1.0
1.2
100
°C
TJ = 25°C
175
°C
160
180
140
0.1
100
°C
25
°C
6.0
5.0
4.0
9.0
8.0
7.0
9.0
8.0
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficiently below rated
VR.
150
°C
11
10
13
12
TJ = 175°C
IPK/IAV = 20
SINE
WAVE
SQUARE
WAVE
dc
10
5.0
150
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com