Electronic Components Datasheet Search
  English  ▼

X  

PC16550D Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC16550D
Description  PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC16550D Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC16550D Datasheet HTML 11Page - National Semiconductor (TI) PC16550D Datasheet HTML 12Page - National Semiconductor (TI) PC16550D Datasheet HTML 13Page - National Semiconductor (TI) PC16550D Datasheet HTML 14Page - National Semiconductor (TI) PC16550D Datasheet HTML 15Page - National Semiconductor (TI) PC16550D Datasheet HTML 16Page - National Semiconductor (TI) PC16550D Datasheet HTML 17Page - National Semiconductor (TI) PC16550D Datasheet HTML 18Page - National Semiconductor (TI) PC16550D Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
80
Registers
The system programmer may access any of the UART reg-
isters summarized in Table II via the CPU These registers
control UART operations including transmission and recep-
tion of data Each register bit in Table II has its name and
reset state shown
81
LINE CONTROL REGISTER
The system programmer specifies the format of the asyn-
chronous data communications exchange and set the Divi-
sor Latch Access bit via the Line Control Register (LCR)
The programmer can also read the contents of the Line
Control Register The read capability simplifies system pro-
gramming and eliminates the need for separate storage in
system memory of the line characteristics Table II shows
the contents of the LCR Details on each bit follow
Bits 0 and 1
These two bits specify the number of bits in
each transmitted or received serial character The encoding
of bits 0 and 1 is as follows
Bit 1
Bit 0
Character Length
0
0
5 Bits
0
1
6 Bits
1
0
7 Bits
1
1
8 Bits
Bit 2
This bit specifies the number of Stop bits transmitted
and received in each serial character If bit 2 is a logic 0
one Stop bit is generated in the transmitted data If bit 2 is a
logic 1 when a 5-bit word length is selected via bits 0 and 1
one and a half Stop bits are generated If bit 2 is a logic 1
when either a 6- 7- or 8-bit word length is selected two
Stop bits are generated The Receiver checks the first Stop-
bit only regardless of the number of Stop bits selected
Bit 3
This bit is the Parity Enable bit When bit 3 is a logic 1
a Parity bit is generated (transmit data) or checked (receive
data) between the last data word bit and Stop bit of the
serial data (The Parity bit is used to produce an even or odd
number of 1s when the data word bits and the Parity bit are
summed)
Bit 4
This bit is the Even Parity Select bit When bit 3 is a
logic 1 and bit 4 is a logic 0 an odd number of logic 1s is
transmitted or checked in the data word bits and Parity bit
When bit 3 is a logic 1 and bit 4 is a logic 1 an even number
of logic 1s is transmitted or checked
Bit 5
This bit is the Stick Parity bit When bits 3 4 and 5 are
logic 1 the Parity bit is transmitted and checked as a logic 0
If bits 3 and 5 are 1 and bit 4 is a logic 0 then the Parity bit is
transmitted and checked as a logic 1 If bit 5 is a logic 0
Stick Parity is disabled
Bit 6
This bit is the Break Control bit It causes a break
condition to be transmitted to the receiving UART When it
is set to a logic 1 the serial output (SOUT) is forced to the
Spacing (logic 0) state The break is disabled by setting bit 6
to a logic 0 The Break Control bit acts only on SOUT and
has no effect on the transmitter logic
Note
This feature enables the CPU to alert a terminal in a computer com-
munications system If the following sequence is followed no errone-
ous or extraneous characters will be transmitted because of the
break
1 Load an all 0s pad character in response to THRE
2 Set break after the next THRE
3 Wait for the transmitter to be idle (TEMTe1) and clear break when
normal transmission has to be restored
During the break the Transmitter can be used as a character timer to accu-
rately establish the break duration
TABLE III Baud Rates Divisors and Crystals
18432 MHz Cystal
3072 MHz Crystal
18432 MHz Crystal
Baud Rate
Decimal Divisor
Percent Error
Decimal Divisor
Percent Error
Decimal Divisor
Percent Error
for 16 c Clock
for 16 c Clock
for 16 c Clock
50
2304
3840
23040
75
1536
2560
15360
110
1047
0026
1745
0026
10473
1345
857
0058
1428
0034
8565
150
768
1280
7680
300
384
640
3840
600
192
320
1920
1200
96
160
920
1800
64
107
0312
640
2000
58
069
96
576
2400
48
80
480
3600
32
53
0628
320
4800
24
40
240
7200
16
27
123
160
9600
12
20
120
19200
6
10
60
38400
3
5
30
56000
2
286
21
204
128000
9
Note
For baud rates of 250k 300k 375k 500k 750k and 15M using a 24 MHz crystal causes minimal error
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com