Electronic Components Datasheet Search
  English  ▼

X  

STM3274G-IAR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM3274G-IAR
Description  IARTM starter kit for STM32F7 Series with STM32F746IG MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3274G-IAR Datasheet(HTML) 1 Page - STMicroelectronics

  STM3274G-IAR Datasheet HTML 1Page - STMicroelectronics STM3274G-IAR Datasheet HTML 2Page - STMicroelectronics STM3274G-IAR Datasheet HTML 3Page - STMicroelectronics STM3274G-IAR Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
September 2015
DocID028334 Rev 1
1/4
STM3274G-SK/IAR
IARTM starter kit for STM32F7 Series with STM32F746IG MCU
Data brief
Features
• MCU
– STM32F746IG Cortex®-M7 CPU with FPU
216 MHz, Art accelerator, 1 Mbyte of Flash
memory, 320 Kbytes of SRAM
• User interface
– 4 status LEDs
– Joystick
– Audio microphone and headphone jack
– User button, reset button
– 4”3 touch screen color LCD
• Debug interface
– JTAG/SWD connector 20 pin 0.1”
– Trace connector 20 pin 0.05”
• Communication interface
– 2x USB connectors
– RS-232 DB9 connector
– Ethernet
• Power functions (including multiple power
supply options):
–JTAG/SWD (pin 19)
–USB
– External power jack
– Trace connector (pins 11 & 13)
– Power supply LED
–Comparator
1. Picture not contractual.
• Others
–SD card slot
– 16 Mbit of QSPI Flash memory
– 256 Mbit of SDRAM
– Temperature sensor
– 3D accelerometer & 3D gyroscope
– 3D magnetometer
–Buzzer
www.st.com


Similar Part No. - STM3274G-IAR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32756G-EVAL STMICROELECTRONICS-STM32756G-EVAL Datasheet
257Kb / 4P
Evaluation board with STM32F756NG MCU
April 2015 Rev 1
More results

Similar Description - STM3274G-IAR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3210E-SK STMICROELECTRONICS-STM3210E-SK Datasheet
221Kb / 4P
Keil??starter kit for STM32F1 series Performance and Access Line microcontrollers (STM32F103ZE MCU)
11-May-2012
STM3220G-SK STMICROELECTRONICS-STM3220G-SK Datasheet
602Kb / 4P
Keil??starter kit for STM32F2 series microcontrollers (STM32F207IG MCU)
11-May-2012
AN1953 STMICROELECTRONICS-AN1953 Datasheet
222Kb / 20P
PFC for ST7MC starter kit
16-Jul-2007
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
STM3210C-SK STMICROELECTRONICS-STM3210C-SK Datasheet
220Kb / 4P
Keil™ starter kit for STM32F1 series Connectivity Line microcontrollers (STM32F107VC MCU)
11-May-2012
STM3210G-SK STMICROELECTRONICS-STM3210G-SK Datasheet
167Kb / 4P
Keil™ starter kit for STM32F100/101/102/103 lines (with STM32F103ZG MCU)
September 2013 Rev 1
STM3242I-SK STMICROELECTRONICS-STM3242I-SK Datasheet
173Kb / 3P
IAR IAR™ starter kit for STM32 F4 series - with STM32F429II MCU
November 2013 Rev 1
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
STM32H735G-DK STMICROELECTRONICS-STM32H735G-DK Datasheet
3Mb / 6P
Discovery kit with STM32H735IG MCU
Rev 1 - April 2020
STM32F7508-DK STMICROELECTRONICS-STM32F7508-DK Datasheet
332Kb / 5P
Discovery kit with STM32F750N8 MCU
17-Mar-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com