Electronic Components Datasheet Search
  English  ▼

X  

STMPE16M31PX Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 6Page - STMicroelectronics STMPE16M31PX Datasheet HTML 7Page - STMicroelectronics STMPE16M31PX Datasheet HTML 8Page - STMicroelectronics STMPE16M31PX Datasheet HTML 9Page - STMicroelectronics STMPE16M31PX Datasheet HTML 10Page - STMicroelectronics STMPE16M31PX Datasheet HTML 11Page - STMicroelectronics STMPE16M31PX Datasheet HTML 12Page - STMicroelectronics STMPE16M31PX Datasheet HTML 13Page - STMicroelectronics STMPE16M31PX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
I2C interface module
STMPE16M31PX
10/75
Doc ID 17058 Rev 2
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter
releases the SDA after sending eight bits of data. During the ninth bit, the receiver pulls the
SDA low to acknowledge the receipt of the eight bits of data. The receiver may leave the
SDA in high state if it would to not acknowledge the receipt of the data.
Data input
The device samples the data input on SDA on the rising edge of the SCL. The SDA signal
must be stable during the rising edge of SCL and the SDA signal must change only when
SCL is driven low.
Memory addressing
For the bus master to communicate to the slave device, the bus master must initiate a Start
condition and be followed by the slave device address. Accompanying the slave device
address, there is a Read/W bit (R/W). The bit is set to 1 for Read and 0 for Write operation.
If a match occurs on the slave device address, the corresponding device gives an
acknowledgement on the SDA during the 9th bit time. If there is no match, it deselects itself
from the bus by not responding to the transaction. The register memory map of the device is
8-bit address width. Therefore, the maximum number of register is 256 registers of 8-bit
width.
Table 6 illustrates the device operating modes that are supported.
Table 6.
Device operation modes
Mode
Bytes
Initial sequence
Read
≥1
START, Device Address, R/W
=0, Base register Address to be read
ReSTART, Device Address, R/W
=1, Data Read, STOP
If no STOP is issued, the Data Read can be continuously
preformed. The address is automatically incremented on
subsequent data read.
Write
≥1
START, Device Address, R/W
=0, Register Address to be written, Data Write, STOP
If no STOP is issued, the Data Write can be continuously
performed. The address is automatically incremented on
subsequent write.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com