Electronic Components Datasheet Search
  English  ▼

X  

STP4N90K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4N90K5
Description  N-channel 900 V, 1.90 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4N90K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4N90K5 Datasheet HTML 1Page - STMicroelectronics STP4N90K5 Datasheet HTML 2Page - STMicroelectronics STP4N90K5 Datasheet HTML 3Page - STMicroelectronics STP4N90K5 Datasheet HTML 4Page - STMicroelectronics STP4N90K5 Datasheet HTML 5Page - STMicroelectronics STP4N90K5 Datasheet HTML 6Page - STMicroelectronics STP4N90K5 Datasheet HTML 7Page - STMicroelectronics STP4N90K5 Datasheet HTML 8Page - STMicroelectronics STP4N90K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2016
DocID029953 Rev 1
1/13
This is information on a product in full production.
www.st.com
STP4N90K5
N-
channel 900 V, 1.90 Ω typ.,3 A MDmesh™ K5
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP4N90K5
900 V
2.10 Ω
3 A
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STP4N90K5
4N90K5
TO-220
Tube
1
2
3
TO-220
TAB


Similar Part No. - STP4N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N100 STMICROELECTRONICS-STP4N100 Datasheet
202Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Dec-1996
logo
Inchange Semiconductor ...
STP4N100 ISC-STP4N100 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP4N100FI STMICROELECTRONICS-STP4N100FI Datasheet
202Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Dec-1996
logo
Inchange Semiconductor ...
STP4N100FI ISC-STP4N100FI Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
07-Jul-2005
More results

Similar Description - STP4N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N90K5 STMICROELECTRONICS-STD4N90K5 Datasheet
813Kb / 15P
N-channel 900 V, 1.90 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a DPAK package
02-Nov-2016
STF4N90K5 STMICROELECTRONICS-STF4N90K5 Datasheet
726Kb / 13P
N-channel 900 V, 1.90 Ω typ., 4 A MDmesh™ K5 Power MOSFET in a TO-220FP package
23-Nov-2016
STP7N90K5 STMICROELECTRONICS-STP7N90K5 Datasheet
729Kb / 13P
N-channel 900 V, 0.72 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a TO-220 package
October 2016 Rev 1
STP8N90K5 STMICROELECTRONICS-STP8N90K5 Datasheet
707Kb / 13P
N-channel 900 V, 0.60 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a TO-220 package
28-Nov-2016
STP20N90K5 STMICROELECTRONICS-STP20N90K5 Datasheet
695Kb / 13P
N-channel 900 V, 0.21 Ω typ., 20 A MDmesh™ K5 Power MOSFET in a TO-220 package
24-Jan-2017
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STP4LN80K5 STMICROELECTRONICS-STP4LN80K5 Datasheet
718Kb / 13P
N-channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
18-May-2016
STP8N120K5 STMICROELECTRONICS-STP8N120K5 Datasheet
278Kb / 13P
N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-220 package
30-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com