Electronic Components Datasheet Search
  English  ▼

X  

STPS2H100ZFY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2H100ZFY
Description  Automotive high voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100ZFY Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2H100ZFY Datasheet HTML 1Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 2Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 3Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 4Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 5Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 6Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 7Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS2H100ZFY
4/8
DocID029482 Rev 1
Figure 7: Forward voltage drop versus forward
current (typical values)
Figure 8: Thermal resistance junction to ambient
versus copper surface under each lead
(typical values)
0.01
0.10
1.00
10.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T
j = 25 °C
T
j = 125 °C
T
j = 75 °C
VF(V)
IF(A)
0
50
100
150
200
250
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SOD123Flat
SCu(cm²)
Rth(j-a)(°C/W)
Epoxy printed board FR4, eCu = 35 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com