Electronic Components Datasheet Search
  English  ▼

X  

STPS2L60ZFY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L60ZFY
Description  Automotive low drop power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60ZFY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L60ZFY Datasheet HTML 1Page - STMicroelectronics STPS2L60ZFY Datasheet HTML 2Page - STMicroelectronics STPS2L60ZFY Datasheet HTML 3Page - STMicroelectronics STPS2L60ZFY Datasheet HTML 4Page - STMicroelectronics STPS2L60ZFY Datasheet HTML 5Page - STMicroelectronics STPS2L60ZFY Datasheet HTML 6Page - STMicroelectronics STPS2L60ZFY Datasheet HTML 7Page - STMicroelectronics STPS2L60ZFY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2016
DocID029446 Rev 2
1/8
This is information on a product in full production.
www.st.com
STPS2L60ZFY
Automotive low drop power Schottky rectifier
Datasheet - production data
Features
AEC-Q101 qualified
Very small conduction losses
Negligible switching losses
Low forward voltage drop
Surface mount miniature packages
Avalanche capability specified
PPAP capable
Description
Single chip Schottky rectifiers suited to switched
mode power supplies and high frequency DC to
DC converters.
Packaged in SOD123Flat, this device is
especially intended for surface mounting and
used in low voltage, high frequency inverters,
free-wheeling and polarity protection in
automotive applications.
Table 1: Device summary
Symbol
Value
IF(AV)
2 A
VRRM
60 V
VF (typ.)
0.60 V
Tj (max.)
175 °C
K
A
SOD123Flat
A
K


Similar Part No. - STPS2L60ZFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
73Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-2004
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
114Kb / 9P
Power Schottky rectifier
23-Sep-2011
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
369Kb / 15P
60 V, 2 A low drop power Schottky rectifier
27-Sep-2019
STPS2L60-Y STMICROELECTRONICS-STPS2L60-Y Datasheet
80Kb / 8P
Automotive power Schottky rectifier
02-Nov-2011
More results

Similar Description - STPS2L60ZFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
113Kb / 9P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS15L45C-Y STMICROELECTRONICS-STPS15L45C-Y Datasheet
218Kb / 8P
Automotive low drop power Schottky rectifier
07-Jul-2015
STPS1L60-Y STMICROELECTRONICS-STPS1L60-Y Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
17-Oct-2016
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
13-Oct-2016
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
Automotive low drop power Schottky rectifier
11-Jul-2013
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
Automotive 100 V low drop power Schottky rectifier
11-Jul-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com