Electronic Components Datasheet Search
  English  ▼

X  

STPSC10H12DY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC10H12DY
Description  Automotive grade 1200 V power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H12DY Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC10H12DY Datasheet HTML 1Page - STMicroelectronics STPSC10H12DY Datasheet HTML 2Page - STMicroelectronics STPSC10H12DY Datasheet HTML 3Page - STMicroelectronics STPSC10H12DY Datasheet HTML 4Page - STMicroelectronics STPSC10H12DY Datasheet HTML 5Page - STMicroelectronics STPSC10H12DY Datasheet HTML 6Page - STMicroelectronics STPSC10H12DY Datasheet HTML 7Page - STMicroelectronics STPSC10H12DY Datasheet HTML 8Page - STMicroelectronics STPSC10H12DY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2017
DocID029346 Rev 2
1/10
This is information on a product in full production.
www.st.com
STPSC10H12-Y
Automotive grade 1200 V power Schottky silicon carbide diode
Datasheet - production data
Features
AEC-Q101 qualified
No or negligible reverse recovery
Switching behavior independent of
temperature
Robust high voltage periphery
PPAP capable
Operating Tj from -40 °C to 175 °C
ECOPACK®2 compliant
Description
The SiC diode, available in TO-220AC and
D²PAK, is an ultrahigh performance power
Schottky rectifier. It is manufactured using a
silicon carbide substrate. The wide band-gap
material allows the design of a low VF Schottky
diode structure with a 1200 V rating. Due to the
Schottky construction, no recovery is shown at
turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is
independent of temperature.
Especially suited for use in PFC and secondary
side applications, this ST SiC diode will boost the
performance in hard switching conditions. This
rectifier will enhance the performance of the
targeted application. Its high forward surge
capability ensures a good robustness during
transient phases.
Table 1: Device summary
Symbol
Value
IF(AV)
10 A
VRRM
1200 V
Tj(max.)
175 °C
VF(typ.)
1.35 V
K
K
A
K
NC
A
TO-220AC
D²PAK
A
K


Similar Part No. - STPSC10H12DY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12D STMICROELECTRONICS-STPSC10H12D Datasheet
438Kb / 8P
1200 V power Schottky silicon carbide diode
03-May-2016
More results

Similar Description - STPSC10H12DY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
1200 V power Schottky silicon carbide diode
03-May-2016
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
1200 V power Schottky silicon carbide diode
10-May-2016
STPSC20H12 STMICROELECTRONICS-STPSC20H12 Datasheet
436Kb / 8P
1200 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC2H12 STMICROELECTRONICS-STPSC2H12 Datasheet
468Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC5H12 STMICROELECTRONICS-STPSC5H12 Datasheet
469Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC6H12 STMICROELECTRONICS-STPSC6H12 Datasheet
267Kb / 8P
1200 V power Schottky silicon carbide diode
01-Sep-2016
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
1200 V power Schottky silicon carbide diode
28-Feb-2017
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com