Electronic Components Datasheet Search
  English  ▼

X  

STPSC10H065DY Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPSC10H065DY
Description  Automotive 650 V power Schottky silicon carbide diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065DY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPSC10H065DY Datasheet HTML 3Page - STMicroelectronics STPSC10H065DY Datasheet HTML 4Page - STMicroelectronics STPSC10H065DY Datasheet HTML 5Page - STMicroelectronics STPSC10H065DY Datasheet HTML 6Page - STMicroelectronics STPSC10H065DY Datasheet HTML 7Page - STMicroelectronics STPSC10H065DY Datasheet HTML 8Page - STMicroelectronics STPSC10H065DY Datasheet HTML 9Page - STMicroelectronics STPSC10H065DY Datasheet HTML 10Page - STMicroelectronics STPSC10H065DY Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPSC10H065-Y
10/11
DocID026618 Rev 4
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPSC10H065GY-TR
PSC10H065GY
D²PAK
1.48 g
1000
Tape and reel
STPSC10H065DY
PSC10H065DY
TO-220AC
1.86 g
50
Tube
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
26-Jun-2014
1
First issue.
19-Sep-2014
2
Updated Table 8.
24-Sep-2015
3
Added device in D2PAK. Updated the entire document
accordingly.
06-Feb-2017
4
Updated D²PAK package information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com