Electronic Components Datasheet Search
  English  ▼

X  

STPSC15H12-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC15H12-Y
Description  Robust high voltage periphery
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC15H12-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC15H12-Y Datasheet HTML 1Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2017
DocID029723 Rev 1
1/8
This is information on a product in full production.
www.st.com
STPSC15H12-Y
Automotive grade 1200 V power Schottky silicon carbide diode
Datasheet - production data
Features
AEC-Q101 qualified
No or negligible reverse recovery
Switching behavior independent of
temperature
Robust high voltage periphery
PPAP capable
Operating Tj from -40 °C to 175 °C
Description
The SiC diode, available in TO-220AC, is an
ultrahigh performance power Schottky rectifier. It
is manufactured using a silicon carbide substrate.
The wide band-gap material allows the design of
a low VF Schottky diode structure with a 1200 V
rating. Due to the Schottky construction, no
recovery is shown at turn-off and ringing patterns
are negligible. The minimal capacitive turn-off
behavior is independent of temperature.
Especially suited for use in PFC and secondary
side applications, this ST SiC diode will boost the
performance in hard switching conditions. This
rectifier will enhance the performance of the
targeted application. Its high forward surge
capability ensures a good robustness during
transient phases.
Table 1: Device summary
Symbol
Value
IF(AV)
15 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
A
K
A
K
K
TO-220AC


Similar Part No. - STPSC15H12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
1200 V power Schottky silicon carbide diode
10-May-2016
STPSC15H12D STMICROELECTRONICS-STPSC15H12D Datasheet
435Kb / 8P
1200 V power Schottky silicon carbide diode
10-May-2016
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
More results

Similar Description - STPSC15H12-Y

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
Robust package with high lumens
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
RT2903H STMICROELECTRONICS-RT2903H Datasheet
253Kb / 11P
RobuST low-power dual voltage comparators
08-Oct-2014
logo
TT Electronics.
CDR TTELEC-CDR Datasheet
322Kb / 3P
Robust terminations
logo
Maxim Integrated Produc...
MAX17525 MAXIM-MAX17525 Datasheet
586Kb / 20P
Robust, High-Power Protection Reduces System
Rev 0; 6/16
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111 Datasheet
2Mb / 12P
Robust High Strength Super Magnet Mount
logo
STMicroelectronics
STPSC20H12-Y STMICROELECTRONICS-STPSC20H12-Y Datasheet
532Kb / 10P
Robust high voltage periphery
23-Jan-2017
STPSC30H12C STMICROELECTRONICS-STPSC30H12C Datasheet
432Kb / 9P
Robust high voltage periphery
15-Feb-2017
STPSC40H12C STMICROELECTRONICS-STPSC40H12C Datasheet
430Kb / 10P
Robust high voltage periphery
28-Feb-2017
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
Robust package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com