Electronic Components Datasheet Search
  English  ▼

X  

STPTIC-27G2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPTIC-27G2
Description  High linearity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-27G2 Datasheet(HTML) 1 Page - STMicroelectronics

  STPTIC-27G2 Datasheet HTML 1Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 2Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
July 2015
DocID028148 Rev 1
1/11
STPTIC-27G2
Parascan™ tunable integrated capacitor
Datasheet
- production data
Features
• High power capability
• 5:1 tuning range
• High linearity
• High quality factor (Q)
• Low leakage current
• Compatible with high voltage control IC
(STHVDAC series)
• Available in wafer level chip scale package:
– WLCSP package 0.61 x 0.66 x 0.3 mm
• ECOPACK®2 compliant component
Benefit
• RF tunable passive implementation in mobile
phones to optimize antenna radiated
performance
Applications
• Cellular antenna open loop tunable matching
network in multi-band GSM/WCDMA/LTE
mobile phone
• Open loop tunable RF filters
Description
The ST integrated tunable capacitor offers
excellent RF performance, low power
consumption and high linearity required in
adaptive RF tuning applications. The fundamental
building block of PTIC is a tunable material called
Parascan™, which is a version of barium
strontium titanate (BST) developed by Paratek
Microwave.
BST capacitors are tunable capacitors intended
for use in mobile phone application and dedicated
to RF tunable applications. These tunable
capacitors are controlled through an extended
bias voltage ranging from 1 to 24 V. The
implementation of BST tunable capacitor in
mobile phones enables significant improvement
in terms of radiated performance making the
performance almost insensitive to the external
environment.
Figure 1. PTIC functional block diagram
TM: Parascan is a trademark of Paratek Microwave Inc.
www.st.com


Similar Part No. - STPTIC-27G2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-27G2C5 STMICROELECTRONICS-STPTIC-27G2C5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
STPTIC-27G2H5 STMICROELECTRONICS-STPTIC-27G2H5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
STPTIC-27G2M6 STMICROELECTRONICS-STPTIC-27G2M6 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
More results

Similar Description - STPTIC-27G2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
High Linearity SP3T
Rev 2.0
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
High linearity
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
High linearity
logo
Analog Devices
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
High linearity input
Rev. 0
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
High linearity
10-Jul-2015
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
High linearity
09-Jul-2015
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com