Electronic Components Datasheet Search
  English  ▼

X  

STTH5R06DJF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH5R06DJF
Description  High energy avalanche capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06DJF Datasheet(HTML) 1 Page - STMicroelectronics

  STTH5R06DJF Datasheet HTML 1Page - STMicroelectronics STTH5R06DJF Datasheet HTML 2Page - STMicroelectronics STTH5R06DJF Datasheet HTML 3Page - STMicroelectronics STTH5R06DJF Datasheet HTML 4Page - STMicroelectronics STTH5R06DJF Datasheet HTML 5Page - STMicroelectronics STTH5R06DJF Datasheet HTML 6Page - STMicroelectronics STTH5R06DJF Datasheet HTML 7Page - STMicroelectronics STTH5R06DJF Datasheet HTML 8Page - STMicroelectronics STTH5R06DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
March 2012
Doc ID 022760 Rev 1
1/9
9
STTH5R06DJF
Ultrafast recovery diode high efficiency
Datasheet
− production data
Features
■
Suited for DC/DC converts
■
Low losses
■
High TJ
■
High surge current capability
■
High energy avalanche capability
■
1 mm package thickness
■
ECOPACK®2 compliant component
Description
High performance diode suited for high frequency
DC to DC converters. Packaged in PowerFLAT™
5x6, this device is intended for use in low voltage
high frequency inverters.
TM: PowerFLAT is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
IF(AV)
5 A
VRRM
600 V
Tj
175 °C
VF (typ)
0.95 V
trr (typ)
30 ns
K
K
K
A(1)
A(2)
A(1)
A(2)
A(2)
A(1)
PowerFLAT 5x6
STTH5R06DJF
www.st.com


Similar Part No. - STTH5R06DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
116Kb / 9P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
07-Sep-2004
More results

Similar Description - STTH5R06DJF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
Avalanche Energy Ratings
logo
Kemet Corporation
T545H108M006ATE055 KEMET-T545H108M006ATE055 Datasheet
1Mb / 18P
High energy delivery capability
logo
Micross Components
FFH75H60S MICROSS-FFH75H60S Datasheet
700Kb / 3P
Avalanche Energy Rated
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com