Electronic Components Datasheet Search
  English  ▼

X  

TDA7703 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 11Page - STMicroelectronics TDA7703 Datasheet HTML 12Page - STMicroelectronics TDA7703 Datasheet HTML 13Page - STMicroelectronics TDA7703 Datasheet HTML 14Page - STMicroelectronics TDA7703 Datasheet HTML 15Page - STMicroelectronics TDA7703 Datasheet HTML 16Page - STMicroelectronics TDA7703 Datasheet HTML 17Page - STMicroelectronics TDA7703 Datasheet HTML 18Page - STMicroelectronics TDA7703 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TDA7703
Electrical specifications
Rev 1
15/32
3.4.2
AM - section
3.4.3
VCO
Table 7.
AM - section
Symbol
Parameter
Test condition
Min
Typ
Max
Units
AM IMR Mixer
Rin
Input resistance
20
30
45
k
Ω
IIP3
3rd order intercept point
up to Vin/tone = 90 dBµV
129
dBµV
IIP2
2nd order intercept point
up to Vin/tone = 90 dBµV
158
dBµV
LO hsupp
LO harmonic suppression
N=2,3,4,5,6
100
dB
N=7,9
85
AM LNA
Gain
Voltage gain
Max Gain, Rext = 1.5 kΩ
24
28
31
dB
Min Gain (AGC controlled)
12
Rin
Input resistance
1000
k
Ω
Cin
Input capacitance
20
pF
IIP3
3rd order intercept point
@ maximum LNA gain
125
dBµV
IIP2
2nd order intercept point
@ maximum LNA gain
143
dBµV
AM PIN diode
IIP2
2nd order intercept point
Full attenuation,
Csource = 80 pF, f=1 MHz
140
dBµV
Rmin
Minimum resistance
50
80
Ω
Cin
Input capacitance
High ohmic
12
pF
AM AGC
AGC-Thr
Referred to mixer input
RF level
min setting
87
dBµV
max setting
93
Thr-steps
Threshold steps
1
dB
Threshold error
-2.5
2.5
Threshold temperature drift
-3
3
Table 8.
VCO
Symbol
Parameter
Test condition
Min
Typ
Max
Units
FVCO
Frequency range VCO
1100
1550
MHz
PN
Phase noise of LO
Locked VCO;
values referred @ 100MHz
@ 100 Hz
@ 1 kHz
@ 10 kHz
-100
-115
-115
dBc/Hz
dev
Deviation error (rms)
FM reception, deemphasis
50µs, faudio=20Hz...20kHz
5Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com