Electronic Components Datasheet Search
  English  ▼

X  

PI5C3126C Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5C3126C
Description  4-Bit BusSwitch with -2V Undershoot Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3126C Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5C3126C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PI5C3125C/3126C
4-BitBusSwitchwith
–2VUndershootProtection
5
PS8512
03/14/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
.189
.197
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
1
16
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
4.80
5.00
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
0.38
0.41
1.27
.008
0.203
.015 x 45
°
REF
SEATING PLANE
.050
BSC
1
14
x 45˚
0-8˚
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.336
.344
8.55
8.75
.0155
.026
0.393
0.660
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.013
.020
0.330
0.508
.0040
.0098
0.10
0.25
.0099
.0196
0.25
0.50
.0075
.0098
0.19
0.25
.016
.050
0.41
1.27
REF
14-PinSOIC(W)
16-PinQSOP(Q)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com