Electronic Components Datasheet Search
  English  ▼

X  

16ST0009PLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16ST0009PLF
Description  10/100 BASE PCMCIA TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16ST0009PLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16ST0009PLF Datasheet HTML 1Page - Bothhand USA, LP. 16ST0009PLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/100 BASE PCMCIA TRANSFORMER
P/N: 16ST0009P LF DATA SHEET
Page : 1/ 2
A4(07/11)
Feature
l
Design for 10/100 MB/s TX & ATM 155 MB/s application.
l
Meets ANSI X3.236-1995 TP-PMD, 100 Base-TX, ATM
155Mbps UNI, and IEEE 802.3u and 802.3i specifications
l
Very low profile PCMCIA /PC Card, SMD package.
l
LComply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range:0℃ to +70℃.
l
Storage temperature range:-25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Insertion Loss
(dB Max)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
0.3-100MHz
HI-POT
(Vrms)
16ST0009P LF
1CT: 1CT
1CT: 1CT
350
-1.3
1500
Continue
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
30MHz
60MHz 80MHz
30MHz
62MHz
100MHz
30MHz
50MHz
100MHz
150MHz
16ST0009P LF
-16
-12
-11
-40
-40
-35
-35
-33
-20
-20
Schematic
Bothhand USA
email:sales@bothhandusa.com
tel: 978-887-8050
462 Boston St,
Topsfield, MA 01983
http://www.bothhandUSA.com
email:sales@bothhandusa.com
tel: 978-887-8050
fax: 978-887-5434


Similar Part No. - 16ST0009PLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST0009P BOTHHAND-16ST0009P Datasheet
234Kb / 2P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
16ST0009P-LF BOTHHAND-16ST0009P-LF Datasheet
158Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s application
More results

Similar Description - 16ST0009PLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST0011P BOTHHAND-16ST0011P Datasheet
58Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
16ST0009MP BOTHHAND-16ST0009MP Datasheet
264Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
NS90 BOTHHAND-NS90 Datasheet
259Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
NS0014-LF BOTHHAND-NS0014-LF Datasheet
161Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0014Y-LF BOTHHAND-NS0014Y-LF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0014YLF BOTHHAND-NS0014YLF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14LF BOTHHAND-NS14LF Datasheet
644Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14YLF BOTHHAND-NS14YLF Datasheet
123Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0015LF BOTHHAND-NS0015LF Datasheet
123Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com